Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 12Page - National Semiconductor (TI) LP3971 Datasheet HTML 13Page - National Semiconductor (TI) LP3971 Datasheet HTML 14Page - National Semiconductor (TI) LP3971 Datasheet HTML 15Page - National Semiconductor (TI) LP3971 Datasheet HTML 16Page - National Semiconductor (TI) LP3971 Datasheet HTML 17Page - National Semiconductor (TI) LP3971 Datasheet HTML 18Page - National Semiconductor (TI) LP3971 Datasheet HTML 19Page - National Semiconductor (TI) LP3971 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Buck Converter Operation (Continued)
SHUTDOWN MODE
During shutdown the PFET switch, reference, control and
bias circuitry of the converters are turned off. The NFET
switch will be on in shutdown to discharge the output. When
the converter is enabled, soft start is activated. It is recom-
mended to disable the converter during the system power up
and undervoltage conditions when the supply is less than
2.8V.
SOFT START
The buck converter has a soft-start circuit that limits in-rush
current during start-up. During start-up the switch current
limit is increased in steps. Soft start is activated only if EN
goes from logic low to logic high after V
IN reaches 2.8V. Soft
start is implemented by increasing switch current limit in
steps of 213 mA, 425 mA, 850 mA and 1700 mA (typ. Switch
current limit). The start-up time thereby depends on the
output capacitor and load current demanded at start-up.
Typical start-up times with 10 µF output capacitor and 1000
mA load current is 390 µs and with 1 mA load current its
295 µs.
LDO - LOW DROP OUT OPERATION
The LP3971 can operate at 100% duty cycle (no switching;
PMOS switch completely on) for low drop out support of the
output voltage. In this way the output voltage will be con-
trolled down to the lowest possible input voltage. When the
device operates near 100% duty cycle, output voltage ripple
is approximately 25 mV. The minimum input voltage needed
to support the output voltage is
V
IN, MIN =ILOAD *(RDSON, PFET +RINDUCTOR)+VOUT
•I
LOAD
Load Current
•R
DSON, PFET
Drain to source resistance of PFET
switch in the triode region
•R
INDUCTOR
Inductor resistance
BUCK CONVERTER EFFICIENCY
V
IN (V)
V
OUT (V)
I
OUT (mA)
EFF(%)
3.6
1.4
100
85
3.6
1.4
500
89
3.6
1.4
1000
84
3.6
1.4
1500
78
V
IN (V)
V
OUT (V)
I
OUT (mA)
EFF(%)
3.6
3.3
100
92
3.6
3.3
500
96
3.6
3.3
1000
93
3.6
3.3
1500
90
V
IN (V)
V
OUT (V)
I
OUT (mA)
EFF(%)
3.6
1.8
100
85
3.6
1.8
500
91
3.6
1.8
1000
87
3.6
1.8
1500
82
I
2C Compatible Interface
I
2C DATA VALIDITY
The data on SDA line must be stable during the HIGH period of the clock signal (SCL). In other words, state of the data line can
only be changed when CLK is LOW.
20180714
I
2C START and STOP CONDITIONS
START and STOP bits classify the beginning and the end of
the I
2C session. START condition is defined as SDA signal
transitioning from HIGH to LOW while SCL line is HIGH.
STOP condition is defined as the SDA transitioning from
LOW to HIGH while SCL is HIGH. The I
2C master always
generates START and STOP bits. The I
2C bus is considered
to be busy after START condition and free after STOP con-
dition. During data transmission, I
2C master can generate
repeated START conditions. First START and repeated
START conditions are equivalent, function-wise.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com