Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 18Page - National Semiconductor (TI) LP3971 Datasheet HTML 19Page - National Semiconductor (TI) LP3971 Datasheet HTML 20Page - National Semiconductor (TI) LP3971 Datasheet HTML 21Page - National Semiconductor (TI) LP3971 Datasheet HTML 22Page - National Semiconductor (TI) LP3971 Datasheet HTML 23Page - National Semiconductor (TI) LP3971 Datasheet HTML 24Page - National Semiconductor (TI) LP3971 Datasheet HTML 25Page - National Semiconductor (TI) LP3971 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
I
2C Register Definitions (Continued)
BUCKS OUTPUT VOLTAGE ENABLE REGISTER (BOVEN) 8h’10
Bit
7
6
543210
Designation
Reserved
B2ENC
Reserved
B3EN
Reserved
B2EN
Reserved
B1EN
Reset Value
0
1
0
1
0
1
0
1
BUCKS ENABLE REGISTER (BOVEN) 8h’10 DEFINITIONS
Bit
Access
Name
Description
7
...
...
Reserved
6
R/W
B2ENC
Connects Buck 2 enable to SYS_EN or PWR_EN Logic Control pin
0 = Buck 2 enable connected to PWR_EN
1 = Buck 2 enable connected to SYS_EN
5
...
...
Reserved
4
R/W
B3EN
VCC_Buck3 Supply Output Enabled
0 = VCC_Buck3 Supply Output Disabled
1 = VCC_Buck3 Supply Output Enabled
3
...
...
Reserved
2
R/W
B2EN
VCC_Buck2 Supply Output Enabled
0 = VCC_Buck2 Supply Output Disabled
1 = VCC_Buck2 Supply Output Enabled
1
...
...
Reserved
0
R/W
B1EN
VCC_Buck1 Supply Output Enabled
0 = VCC_Buck2 Supply Output Disabled
1 = VCC_Buck2 Supply Output Enabled
BUCK STATUS REGISTER (BOVSR) 8h’11
Bit
7
6
5
4
3
2
1
0
Designation
BT_OK
Reserved
Reserved
B3_OK
Reserved
B2_OK
B1_OK
Reset Value
0
0
0
0
0
0
0
0
BUCK STATUS REGISTER (BOVSR) 8h’11 DEFINITIONS
Bit
Access
Name
Description
7
R
BT_OK
Buck 1–3 Supply Output Voltage Status
0 = (Buck 1–3) output voltage <90% Default value
1 = (Buck 1–3) output voltage >90% Default value
6:5
...
...
Reserved
4
R
B3_OK
Buck 3 Supply Output Voltage Status
0 = (Buck 3) output voltage <90% Default value
1 = (Buck 3) output voltage >90% Default value
3
...
...
Reserved
2
R
B2_OK
Buck 2 Supply Output Voltage Status
0 = (Buck 2) output voltage <90% Default value
1 = (Buck 2) output voltage >90% Default value
1
...
...
Reserved
0
R
B1_OK
Buck 1 Supply Output Voltage Status
0 = (Buck 1) output voltage <90% Default value
1 = (Buck 1) output voltage >90% Default value
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com