Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 13Page - National Semiconductor (TI) LP3971 Datasheet HTML 14Page - National Semiconductor (TI) LP3971 Datasheet HTML 15Page - National Semiconductor (TI) LP3971 Datasheet HTML 16Page - National Semiconductor (TI) LP3971 Datasheet HTML 17Page - National Semiconductor (TI) LP3971 Datasheet HTML 18Page - National Semiconductor (TI) LP3971 Datasheet HTML 19Page - National Semiconductor (TI) LP3971 Datasheet HTML 20Page - National Semiconductor (TI) LP3971 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
I
2C Compatible Interface (Continued)
20180715
TRANSFERRING DATA
Every byte put on the SDA line must be eight bits long, with
the most significant bit (MSB) being transferred first. The
number of bytes that can be transmitted per transfer is
unrestricted. Each byte of data has to be followed by an
acknowledge bit. The acknowledge related clock pulse is
generated by the master. The transmitter releases the SDA
line (HIGH) during the acknowledge clock pulse. The re-
ceiver must pull down the SDA line during the 9th clock
pulse, signifying an acknowledge. A receiver which has been
addressed must generate an acknowledge after each byte
has been received.
After the START condition, a chip address is sent by the I
2C
master. This address is seven bits long followed by an eighth
bit which is a data direction bit (R/W). The LP3971 address
is 46h. For the eighth bit, a “0” indicates a WRITE and a “1”
indicates a READ. The second byte selects the register to
which the data will be written. The third byte contains data to
write to the selected register.
I
2C CHIP ADDRESS - 7h’34
MSB
ADR6
Bit7
ADR5
Bit6
ADR4
Bit5
ADR3
Bit4
ADR2
Bit3
ADR1
Bit2
ADR0
Bit1
R/W
Bit0
0110100
R/W
Write Cycle
20180716
When a READ function is to be accomplished, a WRITE function must precede the READ function as follows.
Read Cycle
20180717
w = write (SDA = “0”)
r = read (SDA = “1”)
ack = acknowledge (SDA pulled down by either master or slave)
rs = repeated start
id = 34h (Chip Address)
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com