Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 28Page - National Semiconductor (TI) LP3971 Datasheet HTML 29Page - National Semiconductor (TI) LP3971 Datasheet HTML 30Page - National Semiconductor (TI) LP3971 Datasheet HTML 31Page - National Semiconductor (TI) LP3971 Datasheet HTML 32Page - National Semiconductor (TI) LP3971 Datasheet HTML 33Page - National Semiconductor (TI) LP3971 Datasheet HTML 34Page - National Semiconductor (TI) LP3971 Datasheet HTML 35Page - National Semiconductor (TI) LP3971 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
I
2C Register Definitions (Continued)
VCC_LDO5 VOLTAGE CONTROL REGISTER (L5VCR) 8h’3B
Bit
7654
3210
Designation
Reserved
LDO 5 Output Voltage (L5OV)
Reset Value
0000
0010
VCC_LDO5 VOLTAGE CONTROL REGISTER (L5VCR) 8h’3B DEFINITIONS
Bit
Access
Name
Description
7:5
...
...
Reserved
Data Code
Output Voltage
4:0
R/W
B1OV
4h’0
1.00
4h’1
1.05
4h’2
1.10
4h’3
1.15
4h’4
1.20
4h’5
1.25
4h’6
1.30
4h’7
1.35
4h’8
1.40
4h’9
1.50
4h’A
1.80
4h’B
1.90
4h’C
2.50
4h’D
2.80
4h’E
3.00
4h’F
3.30
Serial interface register selection codes (Bold face voltages are default values).
Register Programming Examples
Example 1. Setting register 8h’12 value to 8h’3E’ will enable LDOs 1–5.
Example 2. Setting register 8h’39 to 8h’CC’ will set LDOs 1 and 2 to 3.0V. These voltages will appear at the LDO outputs if the
corresponding LDO has been enabled. Programming a voltage value to a LDO, which is off, will affect the LDO output voltage
after the LDO is enabled. Enabling and programming the output voltage are separate operations.
www.national.com
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com