Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 33Page - National Semiconductor (TI) LP3971 Datasheet HTML 34Page - National Semiconductor (TI) LP3971 Datasheet HTML 35Page - National Semiconductor (TI) LP3971 Datasheet HTML 36Page - National Semiconductor (TI) LP3971 Datasheet HTML 37Page - National Semiconductor (TI) LP3971 Datasheet HTML 38Page - National Semiconductor (TI) LP3971 Datasheet HTML 39Page - National Semiconductor (TI) LP3971 Datasheet HTML 40Page - National Semiconductor (TI) LP3971 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
Application Note (Continued)
Typical Application Diagram with PXA27x Advanced Applications Processor Version “B”
20180721
LP3971 & PXA27x START-UP
Initial Cold Start Power On Sequence
1.
The Back up battery is connected to the PMU, power is
applied to the back-up battery pin, the RTC_LDO turns
on and supplies a stable output voltage to the
VCC_BATT pin of the Applications processor (initiating
the power-on reset event) with nRSTO asserted from the
LP3971 to the processor.
2.
The Applications processor waits for the de-assertion of
nBATT_FLT to indicate system power (V
IN) is available.
3.
IF system power (V
bat) is avaliable, the LP3971 de-
asserts nBATT_FLT.
4.
nRSTO de-asserts after a minimum of 50 mS.
5.
The Applications processor asserts SYS_EN, the
LP3971 enables the system high-voltage power sup-
plies. The Applications processor starts its countdown
timer set to 125 mS.
6.
The LP3971 enables the high-voltage power supplies.
-LDO1 power for VCC_MVT, BG, OSC13M and PLL
enabled first, followed by others if delay is on.
7.
Countdown timer expires; the Applications processor
asserts PWR_EN (ext. pin or I
2C) to enable the low-
voltage power supplies. The processor starts the count-
down timer set to 125 mS period.
8.
The Applications processor asserts PWR_EN (ext. pin or
I
2C), the LP3971 enables the low-voltage regulators.
9.
Countdown timer expires; If enabled power domains are
OK (I
2C read) the power up sequence continues by
enabling the processors 13 MHz oscillator and PLL’s.
10. The Applications processor begins the execution of
code.
www.national.com
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com