Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3971 Datasheet HTML 1Page - National Semiconductor (TI) LP3971 Datasheet HTML 2Page - National Semiconductor (TI) LP3971 Datasheet HTML 3Page - National Semiconductor (TI) LP3971 Datasheet HTML 4Page - National Semiconductor (TI) LP3971 Datasheet HTML 5Page - National Semiconductor (TI) LP3971 Datasheet HTML 6Page - National Semiconductor (TI) LP3971 Datasheet HTML 7Page - National Semiconductor (TI) LP3971 Datasheet HTML 8Page - National Semiconductor (TI) LP3971 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Applications Schematic Diagrams
Diagram 1 LDO 4 and LDO5 Connected To V
BATTERY
20180706
See Application Hints for recommended external components and component selection
** NOTE: RTC LDO – In applications when Vbatt drops below 1.7V (ie. removing the main battery), system reset will be enabled. To void this situation, replace the
RTC LDO (pin 16) 1.0uF capacitor with a 10uF capacitor.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com