Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 6Page - National Semiconductor (TI) LP3971 Datasheet HTML 7Page - National Semiconductor (TI) LP3971 Datasheet HTML 8Page - National Semiconductor (TI) LP3971 Datasheet HTML 9Page - National Semiconductor (TI) LP3971 Datasheet HTML 10Page - National Semiconductor (TI) LP3971 Datasheet HTML 11Page - National Semiconductor (TI) LP3971 Datasheet HTML 12Page - National Semiconductor (TI) LP3971 Datasheet HTML 13Page - National Semiconductor (TI) LP3971 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Back-Up Charger Electrical Characteristics
Unless otherwise noted, V
IN =VBATT = 3.6V. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits ap-
pearing in boldface type apply over the entire junction temperature range for operation, −40˚C to +125˚C. (Notes 2, 6) and
(Note 8).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IN
Operational Voltage Range
Voltage at V
IN
3.3
5.5
V
I
OUT
Backup Battery Charging Current
V
IN = 3.6V, Backup_Bat = 2.5V,
Backup Battery Charger Enabled
(Note 8)
190
µA
V
OUT
Charger Termination Voltage
V
IN = 5.0V Backup Battery Charger
Enabled. Programmable
2.91
3.1
V
Backup Battery Charger Short
Circuit Current
Backup_Bat = 0V, Backup Battery
Charger Enabled
9mA
PSRR
Power Supply Ripple Rejection
Ratio
I
OUT
≤ 50 µA, V
OUT = 3.15V
V
OUT + 0.4
≤ V
BATT =VIN
≤ 5.0V
f < 10 kHz
15
dB
I
Q
Quiescent Current
I
OUT < 50 µA
25
µA
C
OUT
Output Capacitance
0 µA
≤ I
OUT
≤ 100 µA
0.1
µF
Output Capacitor ESR
5
500
M
Ω
Logic Inputs and Outputs DC Operating Conditions (Note 2)
Logic Inputs (SYS_EN, PWR_EN, SYNC, nRSTI, PWR_ON, nTEST_JIG, SPARE and GPI’s)
Symbol
Parameter
Conditions
Min
Max
Units
V
IL
Low Level Input Voltage
0.5
V
V
IH
High Level Input Voltage
V
RTC
−0.5V
V
I
LEAK
Input Leakage Current
−1
+1
µA
Logic Outputs (nRSTO, EXT_WAKEUP and GPO’s)
Symbol
Parameter
Conditions
Min
Max
Units
V
OL
Output Low Level
Load = +0.2 mA = I
OL Max
0.5
V
V
OH
Output High Level
Load = −0.1 mA = I
OL Max
V
RTC
−0.5V
V
I
LEAK
Output Leakage Current
V
ON =VIN
+5
µA
Logic Output (nBATT_FLT)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
nBATT_FLT Threshold Voltage
Programmable via Serial Interface
Default = 2.8V
2.4
2.8
3.4
V
V
OL
Output Low Level
Load = +0.4 mA = I
OL Max
0.5
V
V
OH
Output High Level
Load = −0.2 mA = I
OH Max
V
RTC
−0.5V
V
I
LEAK
Input Leakage Current
+5
µA
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com