Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 24Page - National Semiconductor (TI) LP3971 Datasheet HTML 25Page - National Semiconductor (TI) LP3971 Datasheet HTML 26Page - National Semiconductor (TI) LP3971 Datasheet HTML 27Page - National Semiconductor (TI) LP3971 Datasheet HTML 28Page - National Semiconductor (TI) LP3971 Datasheet HTML 29Page - National Semiconductor (TI) LP3971 Datasheet HTML 30Page - National Semiconductor (TI) LP3971 Datasheet HTML 31Page - National Semiconductor (TI) LP3971 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
I
2C Register Definitions (Continued)
BUCK 3 TARGET VOLTAGE 1 REGISTER (B3TV1) 8h’32
Bit
7
6
5
43210
Designation
Reserved
Buck 3 Output Voltage (B3OV)
Reset Value
0
0
0
10100
BUCK 3 TARGET VOLTAGE 1 REGISTER (B3TV1) 8h’32 DEFINITIONS
Bit
Access
Name
Description
7:5
...
...
Reserved
4:0
R/W
B3OV
Output Voltage
Data Code
(V)
Data Code
(V)
5h’01
0.80
5h’0D
1.40
5h’02
0.85
5h’0E
1.45
5h’03
0.90
5h’0F
1.50
5h’04
0.95
5h’11
1.60
5h’05
1.00
5h’12
1.65
5h’06
1.05
5h’13
1.70
5h’07
1.10
5h’14
1.80
5h’08
1.15
5h’15
1.90
5h’09
1.20
5h’16
2.50
5h’0A
1.25
5h’17
2.80
5h’0B
1.30
5h’18
3.00
5h’0C
1.35
5h’19
3.30
BUCK 3 TARGET VOLTAGE 2 REGISTER (B3TV2) 8h’33
Bit
7
6
5
43210
Designation
Reserved
Buck 2 Output Voltage (B2OV)
Reset Value
0
0
0
10100
BUCK 3 TARGET VOLTAGE 2 REGISTER (B3TV2) 8h’33 DEFINITIONS
Bit
Access
Name
Description
7:5
...
...
Reserved
4:0
R/W
B2OV
Output Voltage
Data Code
(V)
Data Code
(V)
5h’01
0.80
5h’0D
1.40
5h’02
0.85
5h’0E
1.45
5h’03
0.90
5h’0F
1.50
5h’04
0.95
5h’11
1.60
5h’05
1.00
5h’12
1.65
5h’06
1.05
5h’13
1.70
5h’07
1.10
5h’14
1.80
5h’08
1.15
5h’15
1.90
5h’09
1.20
5h’16
2.50
5h’0A
1.25
5h’17
2.80
5h’0B
1.30
5h’18
3.00
5h’0C
1.35
5h’19
3.30
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com