Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 11Page - National Semiconductor (TI) LP3971 Datasheet HTML 12Page - National Semiconductor (TI) LP3971 Datasheet HTML 13Page - National Semiconductor (TI) LP3971 Datasheet HTML 14Page - National Semiconductor (TI) LP3971 Datasheet HTML 15Page - National Semiconductor (TI) LP3971 Datasheet HTML 16Page - National Semiconductor (TI) LP3971 Datasheet HTML 17Page - National Semiconductor (TI) LP3971 Datasheet HTML 18Page - National Semiconductor (TI) LP3971 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
Buck Converter Operation (Continued)
During PFM operation, the converter positions the output
voltage slightly higher than the nominal output voltage during
PWM operation, allowing additional headroom for voltage
drop during a load transient from light to heavy load. The
PFM comparators sense the output voltage via the feedback
pin and control the switching of the output FETs such that the
output voltage ramps between <0.6% and <1.7% above the
nominal PWM output voltage. If the output voltage is below
the “high” PFM comparator threshold, the PMOS power
switch is turned on. It remains on until the output voltage
reaches the ‘high’ PFM threshold or the peak current ex-
ceeds the IPFM level set for PFM mode. The typical peak
current in PFM mode is: I
PFM = 112 mA + VIN/27
Ω. Once the
PMOS power switch is turned off, the NMOS power switch is
turned on until the inductor current ramps to zero. When the
NMOS zero-current condition is detected, the NMOS power
switch is turned off. If the output voltage is below the ‘high’
PFM comparator threshold (see Figure 5), the PMOS switch
is again turned on and the cycle is repeated until the output
reaches the desired level. Once the output reaches the ‘high’
PFM threshold, the NMOS switch is turned on briefly to ramp
the inductor current to zero and then both output switches
are turned off and the part enters an extremely low power
mode. Quiescent supply current during this ‘sleep’ mode is
16 µA (typ), which allows the part to achieve high efficiencies
under extremely light load conditions. When the output drops
below the ‘low’ PFM threshold, the cycle repeats to restore
the output voltage (average voltage in PFM mode) to
<1.15% above the nominal PWM output voltage. If the load
current should increase during PFM mode (see Figure 5)
causing the output voltage to fall below the ‘low2’ PFM
threshold, the part will automatically transition into fixed-
frequency PWM mode. Typically when V
IN = 3.6V the part
transitions from PWM to PFM mode at 100 mA output
current.
20180712
FIGURE 4. Typical PFM Operation
20180713
FIGURE 5. Operation in PFM Mode and Transfer to PWM Mode
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com