Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 31Page - National Semiconductor (TI) LP3971 Datasheet HTML 32Page - National Semiconductor (TI) LP3971 Datasheet HTML 33Page - National Semiconductor (TI) LP3971 Datasheet HTML 34Page - National Semiconductor (TI) LP3971 Datasheet HTML 35Page - National Semiconductor (TI) LP3971 Datasheet HTML 36Page - National Semiconductor (TI) LP3971 Datasheet HTML 37Page - National Semiconductor (TI) LP3971 Datasheet HTML 38Page - National Semiconductor (TI) LP3971 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
LP3971 Controls (Continued)
GENERAL PURPOSE I/O FUNCTIONALITY (GPIO1 AND
GPIO2)
LP3971 has 2 general purpose I/Os for system control. I
2C
compatible interface will be used for setting any of the pins to
input, output or hi-Z mode. Inputs value can be read via
serial interface (GPI1,2 bits). The pin 29 functionality needs
to be set to GPIO by serial interface register bit
nEXTCHGEN.
LP3971 GPIO Control Table
Controls
Port Function
Reg.
batmonchg
GPIO1<1>
GPIO1<0>
nextchgen_sel
bucen
GPIO1
gpin 1
Function
X
X
1
0
Input = 0
0
Enabled
X
X
1
o
Input = 1
0
Not Enabled
10
1
X
X
0
X
X
X
1
X
Enabled
0
0
0
X
HiZ
0
1
0
0
X
Input (dig)->
Input
0
1
0
X
Output = 0
0
1
1
0
X
Output= 1
0
GPIO2<1>
GPIO2<0>
Factory fm disabled
GPIO_tstiob
GPIO2
gpin2
0
0
1
HiZ
0
1
0
1
Input (dig)->
Input
0
1
1
Output = 0
0
1
1
1
Output = 1
0
The LP3971 Back Up Charger can be enabled/disabled by
two separate mechanisms. They are; 1) A dedicated control
register bit named BUCEN (Register 0B Bit 2) and 2) GPIO1
input Pin 29, when configured for charger control.
Description of this operation is as follows:
•
In the default state, the BUCEN bit is not asserted, and
GPIO1 is configured as charger control. High level ap-
plied to GPIO1 will disable the back up charger, Low level
applied to GPIO1 will enable the back up charger. There
is an internal pull up that will disable the back up charger
if GPIO1 is “open”.
•
If BUCEN bit is asserted with GPIO1 configured for
charger control, the back up charger will always be en-
abled, and GPIO1 input will have no effect.
•
Configuration of GPIO1 charger function is via control
register bit named BBCS (Register 0E Bit 7). When this
bit is asserted (Default state), GPIO1 is charger control.
When this bit is de-asserted, charger enable is deter-
mined only by the state of control register bit BUCEN.
•
One additional feature of the charger enable is when the
main battery voltage Vin (Pin 6) is less than the back up
battery voltage Vin BUBATT (Pin 15), The charger will
automatically disable regardless of the input received
from BUCEN or GPIO1.
REGULATED VOLTAGES OK
All the power domains have own register bit (x_OK) that
processor can read via serial interface to be sure that en-
abled powers are OK (regulating). Note that these read only
bits are only valid when regulators are settled (avoid reading
these bits during voltage change or power up).
www.national.com
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com