Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 26Page - National Semiconductor (TI) LP3971 Datasheet HTML 27Page - National Semiconductor (TI) LP3971 Datasheet HTML 28Page - National Semiconductor (TI) LP3971 Datasheet HTML 29Page - National Semiconductor (TI) LP3971 Datasheet HTML 30Page - National Semiconductor (TI) LP3971 Datasheet HTML 31Page - National Semiconductor (TI) LP3971 Datasheet HTML 32Page - National Semiconductor (TI) LP3971 Datasheet HTML 33Page - National Semiconductor (TI) LP3971 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
I
2C Register Definitions (Continued)
LDO2–LDO1 VOLTAGE CONTROL REGISTER (L21VCR) 8h’39
Bit
7654
3210
Designation
LDO 2 Output Voltage (L20V)
LDO 3 Output Voltage (L1OV)
Reset Value
1100
1100
LDO2–LDO1 VOLTAGE CONTROL REGISTER (L21VCR) 8h’39 DEFINITIONS
Bit
Access
Name
Description
Data Code
Output Voltage
7:4
R/W
L2OV
4h’0
1.8
4h’1
1.9
4h’2
2.0
4h’3
2.1
4h’4
2.2
4h’5
2.3
4h’6
2.4
4h’7
2.5
4h’8
2.6
4h’9
2.7
4h’A
2.8
4h’B
2.9
4h’C
3.0
4h’D
3.1
4h’E
3.2
4h’F
3.3
3:0
R/W
L1OV
4h’0
1.8
4h’1
1.9
4h’2
2.0
4h’3
2.1
4h’4
2.2
4h’5
2.3
4h’6
2.4
4h’7
2.5
4h’8
2.6
4h’9
2.7
4h’A
2.8
4h’B
2.9
4h’C
3.0
4h’D
3.1
4h’E
3.2
4h’F
3.3
www.national.com
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com