Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 25Page - National Semiconductor (TI) LP3971 Datasheet HTML 26Page - National Semiconductor (TI) LP3971 Datasheet HTML 27Page - National Semiconductor (TI) LP3971 Datasheet HTML 28Page - National Semiconductor (TI) LP3971 Datasheet HTML 29Page - National Semiconductor (TI) LP3971 Datasheet HTML 30Page - National Semiconductor (TI) LP3971 Datasheet HTML 31Page - National Semiconductor (TI) LP3971 Datasheet HTML 32Page - National Semiconductor (TI) LP3971 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
I
2C Register Definitions (Continued)
BUCK 3 VOLTAGE RAMP CONTROL REGISTER (B3RC) 8h’34
Bit
7654
3210
Designation
Reserved
Ramp Rate
Reset Value
0000
1010
BUCK 2 VOLTAGE RAMP CONTROL REGISTER (B2RC) 8h’34 DEFINITIONS
Bit
Access
Name
Description
7:5
...
...
Reserved
4:0
R/W
B2RS
DVM Ramp Speed
Data Code
Ramp Rate
(mV/µs)
4h’0
Instant
4h’1
1
4h’2
2
4h’3
3
4h’4
4
4h’5
5
4h’6
6
4h’7
7
4h’8
8
4h’9
9
4h’A
10
BUCK FUNCTION REGISTER (BFR) 8h’38
Bit
76543
2
1
0
Designation
Reserved
SHBU
BK_SLOMOD
BK_SSEN
Reset Value
00000
0
1
0
BUCK FUNCTION REGISTER (BFR) 8h’38 DEFINITIONS
Bit
Access
Name
Description
7:3
...
...
Reserved
SHBU
Shut down Back up battery to prevent battery drain during shipping
0 = Back up Battery Enabled
1 = Back up Battery Disabled
1
R
BK_SLOMOD
Buck Spread Spectrum Modulation Buck 1–3
0 = 10 kHz triangular wave spread spectrum modulation
1 = 2 kHz triangular wave spread spectrum modulation
0
R
BK_SSEN
Spread spectrum function Buck 1–3
0 = SS Output Disabled
1 = SS Output Enabled
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com