Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77650 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX77650
Description  GUI Drives I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77650 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX77650 Datasheet HTML 2Page - Maxim Integrated Products MAX77650 Datasheet HTML 3Page - Maxim Integrated Products MAX77650 Datasheet HTML 4Page - Maxim Integrated Products MAX77650 Datasheet HTML 5Page - Maxim Integrated Products MAX77650 Datasheet HTML 6Page - Maxim Integrated Products MAX77650 Datasheet HTML 7Page - Maxim Integrated Products MAX77650 Datasheet HTML 8Page - Maxim Integrated Products MAX77650 Datasheet HTML 9Page - Maxim Integrated Products MAX77650 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Maxim Integrated │ 6
www.maximintegrated.com
Evaluates: MAX77650/MAX77651
MAX77650/MAX77651 Evaluation Kit
Table 1. Default Shunt Positions and Jumper Descriptions
REFERENCE
DESIGNATOR
DEFAULT
POSITION
FUNCTION
J100
N/A
Do not connect shunts to J100.
J101
1-2
1-2: Connects a VIO to the 1.8V EVKIT logic rail.
3-4: Connects a VIO to the 3.3V EVKIT logic rail.
5-6: Connects a VIO to the LDO output.
J200
1-2
1-2: Connects the U200 amplifier to the gate of the Q200 load FET.
J201
1-2
1-2: Connects VSBB0 to the on-board ADC.
J202
1-2
1-2: Connects the U201 amplifier to the gate of the Q201 load FET.
J203
1-2
1-2: Connects VSBB1 to the on-board ADC.
J204
1-2
1-2: Connects the U202 amplifier to the gate of the Q202 load FET.
J205
1-2
1-2: Connects VSBB2 to the on-board ADC.
J206
1-2
1-2: Connects the U203 amplifier to the gate of the Q203 load FET.
J207
1-2
1-2: Connects VLDO to the on-board ADC.
J208
1-2
1-2: Connects the on-board ammeter to GND.
J3
2-3
1-2: Connects GPIO to VIO.
2-3: Connects GPIO to GND.
J4
N/A
1-2: Connects PWR_HLD to VIO.
2-3: Connects PWR_HLD to GND.
J5
2-3
1-2: Connects EN to SW1.
2-3: Connects EN to SW2.
J7
1-3
1-2: Connects the THM pin to the divider through the potentiometer (R12).
1-3: Connects the THM pin to the divider through the on-board thermistor.
1-4: Connects the THM pin to the divider through a 10k resistor.
J8
1-2
1-2: Connects RST to PWR_HLD through a 150Ω resistor.
J10
N/A
1-2: Connects VUSB (voltage from USB input on J6) to VCHGIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com