Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77650 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX77650
Description  GUI Drives I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77650 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX77650 Datasheet HTML 13Page - Maxim Integrated Products MAX77650 Datasheet HTML 14Page - Maxim Integrated Products MAX77650 Datasheet HTML 15Page - Maxim Integrated Products MAX77650 Datasheet HTML 16Page - Maxim Integrated Products MAX77650 Datasheet HTML 17Page - Maxim Integrated Products MAX77650 Datasheet HTML 18Page - Maxim Integrated Products MAX77650 Datasheet HTML 19Page - Maxim Integrated Products MAX77650 Datasheet HTML 20Page - Maxim Integrated Products MAX77650 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Maxim Integrated │ 17
www.maximintegrated.com
Evaluates: MAX77650/MAX77651
MAX77650/MAX77651 Evaluation Kit
MAX77650/MAX77651 EV Kit Component List (continued)
REF_DES
DNI/DNP
MAX77650EVKIT
QTY
MAX77651EVKIT
QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
R262
1
1
CRCW06031
0R0FK;
MCR03EZPFX
10R0
VISHAY DALE/ROHM
10
RESISTOR; 0603; 10 OHM; 1%;
100PPM; 0.10W; THICK FILM
R265-R268
4
4
CRCW04026
4K9FK
VISHAY DALE
64.9K
RESISTOR; 0402; 64.9K OHM;
1%; 100PPM; 0.063W; METAL
FILM
R269
1
1
CRCW04021
K00FK;
RC0402FR-
071KL
VISHAY DALE; YAGEO
PHICOMP
1K
RESISTOR; 0402; 1K; 1%; 100PPM;
0.0625W; THICK FILM
R284
1
1
CRCW04021
00KFK;
RC0402FR-
07100KL
VISHAY DALE; YAGEO
PHICOMP
100K
RESISTOR; 0402; 100K; 1%;
100PPM; 0.0625W; THICK FILM
R293, R295, R297, R299
4
4
ERJ-
2RKF4703X
PANASONIC
470K
RESISTOR, 0402, 470K OHM, 1%,
100PPM, 0.0625W, THICK FILM
R294, R296, R298, R300
4
4
CRCW04026
49KFK
VISHAY DALE
649K
RESISTOR; 0402; 649K OHM;
1%; 100PPM; 0.063W; THICK
FILM
1
1
NCP15XH103
F03RC
MURATA
10K
THERMISTOR; SMT (0402);
THICK FILM (NICKEL PLATED);
10K; TOL=+/-1%
SW1
1
1
EVQ-
Q2K03W
PANASONIC
EVQ-Q2K03W
SWITCH; SPST; SMT; 15V; 0.02A;
LIGHT TOUCH SWITCH; RCOIL=
OHM; RINSULATION= OHM;
PANASONIC
SW2
1
1
CL-SB-12B-11
NIDEC COPAL
ELECTRONICS CORP
CL-SB-12B-11
SWITCH; SPDT; SMT; 12V;
0.02A; CL-SB SERIES; SLIDE
SWITCH; RCOIL=0.05 OHM;
RINSULATION=100M OHM;
NIDEC COPAL ELECTRONICS
CORP
U1(MAX77650)
1
0
MAX77650A
EWV+
MAXIM
MAX77650
EVKIT PART-IC; WLP30;
PACKAGKE CODE: W302H2+1;
CL30
U1(MAX77651)
0
1
MAX77651A
EWV+
MAXIM
MAX77651
EVKIT PART-IC; WLP30;
PACKAGKE CODE: W302H2+1;
CL30
U100
1
1
MAXQ2000-
RBX+
MAXIM
MAXQ2000-
RBX+
IC; CTRL; LOW-POWER LCD
MICROCONTROLLER; TQFN56-EP
8X8
U101
1
1
FT232RQ
FUTURE TECHNOLOGY
DEVICES INTL LTD.
FT232RQ
IC; INFC; UART INTERFACE IC USB
TO SERIAL; QFN32-EP 5X5
U102-U104
3
3
MAX8512EX
K
MAXIM
MAX8512EXK
IC, VREG, Ultra-Low-Noise, High
PSRR, Adjustable Vout, SC70-5
U107
1
1
MAX3395EET
C
MAXIM
MAX3395EET
C
IC; TRANS; 15KV ESD-
PROTECTED HIGH-DRIVE
CURRENT QUAD-LEVEL
TRANSLATOR WITH SPEED-UP
CIRCUITRY; TQFN12 4X4
U108
1
1
24AA02T-
I/OT
MICROCHIP
24AA02T-I/OT
IC; EPROM; 2K I2C SERIAL
EEPROM; SOT23-5
U200-U203
4
4
MAX44251A
UA+
MAXIM
MAX44251AU
A+
IC; OPAMP; ULTRA-PRECISION;
LOW-NOISE OP AMP; UMAX8
U205
1
1
MAX5815AA
UD+
MAXIM
MAX5815AAU
D+
IC; DAC; ULTRA-SMALL; QUAD-
CHANNEL; 12-BIT BUFFERED
OUTPUT DAC WITH INTERNAL
REFERENCE AND I2C INTERFACE;
TSSOP14
RT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com