Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77650 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX77650
Description  GUI Drives I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77650 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX77650 Datasheet HTML 7Page - Maxim Integrated Products MAX77650 Datasheet HTML 8Page - Maxim Integrated Products MAX77650 Datasheet HTML 9Page - Maxim Integrated Products MAX77650 Datasheet HTML 10Page - Maxim Integrated Products MAX77650 Datasheet HTML 11Page - Maxim Integrated Products MAX77650 Datasheet HTML 12Page - Maxim Integrated Products MAX77650 Datasheet HTML 13Page - Maxim Integrated Products MAX77650 Datasheet HTML 14Page - Maxim Integrated Products MAX77650 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Maxim Integrated │ 11
www.maximintegrated.com
Evaluates: MAX77650/MAX77651
MAX77650/MAX77651 Evaluation Kit
Charger Quick Start
The
Charger tab on the GUI has many settings to toggle;
however, only three registers are needed to charge a bat-
tery. To get started with the charger, follow the procedure
below:
1) Determine the capacity of the battery to identify a safe
charge current. Maxim recommends charging at 70%
of the total capacity (e.g., a 40mAh battery can be
charged at 30mA charge current). Consult the battery
manufacturer’s data sheet carefully to determine safe
charging parameters.
2) In Charger Configuration E/F, move the
Fast-Charge
Current (IFAST_CHG) slider to the desired charge
current setting, and click the
Write button.
3) In Charger Configuration G/H/I, move the
Fast-
Charge Voltage (VFAST_CHG) slider to the desired
charge voltage setting, and click the
Write button.
4) Make sure there is a charge source connected to the
EV kit at 5V. Then, enable the charger by setting the
button labeled
Charger to ‘1’ (Enabled) and click the
Write button.
5) The battery should now be charging at the charge
current set from step 2.
For more information on the capabilities of the battery
charger, refer to the IC data sheet and Programmer’s
Guide.
LED Quick Start
There is an RGB LED cluster on the EV kit, and three cur-
rent sinks (LED0, LED1, and LED2). To get started with
the EV kit LEDs, follow the procedure below:
1) Choose an LED Configuration section to change.
LED0 controls Blue, LED1 controls Red, and LED2
controls Green.
2) The main-bias circuits must be on for the current sinks
to enable. This can be accomplished by: pressing the
on-key (SW1), or in the
Global Resources tab of the
GUI, setting the
Main Bias Enable Controller bit to
a ‘1’ and click the
Write button. Pressing the on-key
will allow the internal on/off controller to enable the
main-bias, while setting the GUI bit to ‘1’ will force the
main-bias circuits on.
3) On the
LED Driver tab of the GUI, set the desired
LED Full Scale to 3.2mA.
4) Set the Duty Cycle and Period to a desired blinking
configuration (100% duty cycle for always-on).
5) Set the Brightness to 50% or adjust as needed. Click
the
Write button.
6) Set the
LED Master Enable bit in LED TOP Configu-
ration to ‘1’. Click the
Write button. The LEDs should
now be powered. If they are not, see step 2 of this
procedure.
7) Adjust the settings for the other LEDs as desired.
MAX77650/MAX77651 EV Kit Differences
The MAX77650 and the MAX77651 are the same in
every way except for the output voltage range of two of
the SIMO outputs. The MAX77650 SBB1 output voltage
range is from 0.8V to 1.5875V, whereas the MAX77651
SBB1 output voltage range is from 2.4V to 5.25V. The
MAX77650 SBB2 output voltage range is from 0.8V to
3.95V, whereas the MAX77651 SBB2 output voltage
range is from 2.4V to 5.25V. To expedite evaluation of
these two products, Maxim offers the MAX77650EVKIT#
and the MAX77651EVKIT#.
Like the devices themselves, these two EV kits are almost
identical. The PCB layout and schematic are identical for
both EV kits. The silkscreen designator for the part num-
ber on the PCB is different as well as the actual device
(U1). As shown in the MAX77650/MAX77651 EV Kit
Component List, R227, R234, R246, and R247 are differ-
ent for each EV kit. On the MAX77651 EV kit, these resis-
tors scale the SBB1/SBB2 output voltages to be within the
4.096V full-scale range of the MAX11614 ADC. They also
create a 1MΩ impedance path to ground, which creates
additional current. To see the true quiescent current of the
device, remove J203 and J205 from the EV kit.
The GUI automatically detects the device version by
reading the DIDM bit. The transfer function for converting
the SBB1 and SBB2 voltages are adjusted based on the
version detected.
Note that the photos and layout files shown are for the
MAX77650, but are directly applicable to the MAX77651.
#Denotes RoHS compliant.
Ordering Information
PART
IC
TYPE
MAX77650EVKIT#
MAX77650AEWV+
EV Kit
MAX77651EVKIT#
MAX77651AEWV+
EV Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com