Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77650 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX77650
Description  GUI Drives I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77650 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX77650 Datasheet HTML 3Page - Maxim Integrated Products MAX77650 Datasheet HTML 4Page - Maxim Integrated Products MAX77650 Datasheet HTML 5Page - Maxim Integrated Products MAX77650 Datasheet HTML 6Page - Maxim Integrated Products MAX77650 Datasheet HTML 7Page - Maxim Integrated Products MAX77650 Datasheet HTML 8Page - Maxim Integrated Products MAX77650 Datasheet HTML 9Page - Maxim Integrated Products MAX77650 Datasheet HTML 10Page - Maxim Integrated Products MAX77650 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Maxim Integrated │ 7
www.maximintegrated.com
Evaluates: MAX77650/MAX77651
MAX77650/MAX77651 Evaluation Kit
Quick Start
Follow this procedure to familiarize yourself with the EV kit.
Note: In the following sections, software-related items are
identified by bolding. Text in
bold refers to items directly
from the EV kit software. Text in
bold and underlined
refers to items from the Windows operating system.
Required Equipment
● MAX77650/MAX77651 EV kit
● Windows-based PC
● Power supply
● Ammeter
● DVM
● Micro-USB cable
● GUI
Procedure
1) Install the GUI software. Visit the product webpage
at
www.maximintegrated.com/max77650evkit and
navigate to Design Resources to download the lat-
est version of the EV kit software. Save the EV kit
software to a temporary folder and decompress the
ZIP file.
2) Install EV kit shunts per Table 1.
3) Connect a Micro-B USB cable between the EV kit’s J6
and your Windows-based PC. Note that a USB cable
should always be plugged in during evaluation.
4) Apply a 3.7V supply (set for 100mA current limit)
through an ammeter (set for 10mA range) across the
VBATT and GND2 terminals of the EVKIT. Turn the
supply on.
5) Open the GUI and press the
Connect button in the
upper-left corner. Wait for the device to respond, and
in the
Synchronize window, press the Read and
close button.
6) Press the
on-key (SW1) for approximately 1 second,
then release the on-key.
7) On the
AMUX/ADC tab of the GUI, click the Read
buttons next to VSBB0, VSBB1, VSBB2, and VLDO.
For the MAX77650A, 2.05V, 1.2V, 3.3V, and 1.85V,
respectively, appear (Figure 6). For the MAX77651B,
1.9V, 3.2V, 0V, and 0V, respectively, appear.
8) Confirm with the ammeter that the quiescent current is
approximately 40µA. Then, in the
Global Resources
tab on the GUI, set the Main Bias Low Power Mode bit
to ‘1’ and click the
Write button. Now, confirm that the
quiescent current is approximately 6µA.
Note that the MAX77651 will have an extra 3µA
current when J203 and J205 are installed. See the
MAX77650/MAX77651 EV Kit Differences section for
more information.
This concludes the Quick Start procedure. Users are now
encouraged to explore the device and its register settings
with the GUI. For guidance on configuring the charger and
the LED’s, see the Charger Quick Start and LED Quick
Start sections. During general device evaluation, set the
ammeter range to greater than or equal to 1A to minimize
the impact of its series resistance.
For more information on the GUI, see the Software section.
Figure 6. Quick Start: Regulator Check with the ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com