Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77650 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX77650
Description  GUI Drives I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77650 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX77650 Datasheet HTML 10Page - Maxim Integrated Products MAX77650 Datasheet HTML 11Page - Maxim Integrated Products MAX77650 Datasheet HTML 12Page - Maxim Integrated Products MAX77650 Datasheet HTML 13Page - Maxim Integrated Products MAX77650 Datasheet HTML 14Page - Maxim Integrated Products MAX77650 Datasheet HTML 15Page - Maxim Integrated Products MAX77650 Datasheet HTML 16Page - Maxim Integrated Products MAX77650 Datasheet HTML 17Page - Maxim Integrated Products MAX77650 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Maxim Integrated │ 14
www.maximintegrated.com
Evaluates: MAX77650/MAX77651
MAX77650/MAX77651 Evaluation Kit
MAX77650/MAX77651 EV Kit Component List (continued)
REF_DES
DNI/DNP
MAX77650EVKIT
QTY
MAX77651EVKIT
QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
GND1, GND5-GND7
4
4
5011
KEYSTONE
TEST POINT; PIN DIA=0.125IN;
TOTAL LENGTH=0.445IN;
BOARD HOLE=0.063IN; BLACK;
PHOSPHOR BRONZE WIRE
SILVER PLATE FINISH;
GND2-GND4, GND8
4
4
9020 BUSS
WEICO WIRE
MAXIMPAD
EVK KIT PARTS; MAXIM PAD;
WIRE; NATURAL; SOLID; WEICO
WIRE; SOFT DRAWN BUS TYPE-
S; 20AWG
J1, J6
22
10103592-
0001LF
FCI CONNECT
10103592-
0001LF
CONNECTOR; FEMALE; SMT;
MICRO USB B-TYPE REVERSE;
RIGHT ANGLE; 5PINS
J2
1
1
PBC10SAAN
SULLINS ELECTRONICS
CORP.
PBC10SAAN
CONNECTOR; MALE; THROUGH
HOLE; BREAKAWAY; STRAIGHT;
10PINS; -65 DEGC TO +125
DEGC
J3-J5
33
TSW-103-07-
T-S
SAMTEC
TSW-103-07-T-
S
CONNECTOR; THROUGH HOLE;
TSW SERIES; SINGLE ROW;
STRAIGHT; 3PINS
J7
1
1
PEC04SAAN
SULLINS ELECTRONICS
CORP.
PEC04SAAN
CONNECTOR; MALE; THROUGH
HOLE; BREAKAWAY; STRAIGHT;
4PINS
J8, J10, J200-J208
11
11
TSW-102-07-
T-S
SAMTEC
TSW-102-07-T-
S
CONNECTOR; THROUGH HOLE;
TSW SERIES; SINGLE ROW;
STRAIGHT; 2PINS; -55 DEGC TO
+105 DEGC
J9
11
S2B-PH-K-
S(LF)(SN)
JST MANUFACTURING
S2B-PH-K-
S(LF)(SN)
CONNECTOR; MALE; THROUGH
HOLE; 2.0MM PITCH;
DISCONNECTABLE CRIMP STYLE
CONNECTOR; SIDE ENTRY TYPE;
RIGHT ANGLE; 2PINS
J100
1
1
PBC06SAAN
SULLINS ELECTRONICS
CORP.
PBC06SAAN
CONNECTOR; MALE; THROUGH
HOLE; BREAKAWAY; STRAIGHT;
6PINS; -65 DEGC TO +125 DEGC
J101
11
TSW-102-26-
T-T
SAMTEC
TSW-102-26-T-
T
CONNECTOR; THROUGH HOLE;
TSW SERIES; TRIPLE ROW;
STRAIGHT; 6PINS
L1
11
DFE201210U-
1R5M=P2
TOKO
1.5UH
EVKIT PART-INDUCTOR; SMT
(0805); METAL ALLOY CHIP;
1.5UH; TOL=+/-20%; 1.9A;
2.00MMX1.20MMX1.00MM
L3
11
CIGT201208E
H2R2MN
SAMSUNG
ELECTRONICS
2.2UH
EVKIT PART-INDUCTOR; SMT
(0805); METAL COMPOSITE
CORE; 2.2UH; TOL=+/-20%;
1.8A;
2.00MMX1.25MMX0.80MM
L4
11
CIGT201610E
H2R2MN
SAMSUNG
ELECTRONICS
2.2UH
EVKIT PART-INDUCTOR; SMT
(0806); METAL COMPOSITE
CORE; 2.2UH; TOL=+/-20%;
2.7A;
2.00MMX1.60MMX1.00MM
L5
11
DFE252007F-
2R2M=P2
MURATA
2.2UH
EVKIT PART-INDUCTOR; SMT
(1008); METAL ALLOY CHIP;
2.2UH; TOL=+/-20%; 1.7A;
2.50MMX2.00MMX0.70MM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com