Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77650 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX77650
Description  GUI Drives I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77650 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX77650 Datasheet HTML 4Page - Maxim Integrated Products MAX77650 Datasheet HTML 5Page - Maxim Integrated Products MAX77650 Datasheet HTML 6Page - Maxim Integrated Products MAX77650 Datasheet HTML 7Page - Maxim Integrated Products MAX77650 Datasheet HTML 8Page - Maxim Integrated Products MAX77650 Datasheet HTML 9Page - Maxim Integrated Products MAX77650 Datasheet HTML 10Page - Maxim Integrated Products MAX77650 Datasheet HTML 11Page - Maxim Integrated Products MAX77650 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Maxim Integrated │ 8
www.maximintegrated.com
Evaluates: MAX77650/MAX77651
MAX77650/MAX77651 Evaluation Kit
EV Kit Features
On-Key Options
For applications that require the IC to enable with a user-
interactable switch, the EV kit comes with two common
types: the push-button (momentary) and the slide-switch
(persistent). The active-low enable pin (nEN) has an
external pullup resistor R2. Select which type of switch to
use with jumper J5. Refer to the MAX77650/MAX77651
data sheet for more information on configuring the IC for
momentary or persistent switches.
Temperature Monitoring
Jumper J7 allows selection between the following tem-
perature monitoring options:
1) Potentiometer R12 (Connect pins 1 and 2)
2) Fixed resistor divider R13 (Connect pins 1 and 4)
3) 3380K negative temperature coefficient thermistor
(NTC) RT1 (Connect pins 1 and 3)
Use the potentiometer setting (pin 1 and 2) to simulate
changing temperature to evaluate the charger’s JEITA
safe charging response. Turn the potentiometer knob
counterclockwise to simulate increasing battery tem-
perature. Turn the knob clockwise to simulate decreasing
temperature. Use the resistor setting (pin 1 and 4) to set
a static temperature (25°C). Use the thermistor setting
(pin 1 and 3) to evaluate the charger’s response to actual
EVK temperature. The NTC beta parameter is 3380K.
Temperature thresholds corresponding to this NTC beta
are listed in Table 2.
The MAX77650/MAX77651 automatically biases the tem-
perature monitoring circuit whenever CHGIN is valid
and the thermistor is enabled (THM_EN = 1), or the
MUX_SEL[3:0] bitfield is connecting the THM or TBIAS
pins to the AMUX output (MUX_SEL = 0b0111 or 0b1000).
Refer to the Adjustable Thermistor Temperature Monitors
section of the MAX77650/MAX77651 data sheet for more
information.
Battery Ammeter
The EV kit comes with an on-board ammeter for users to
measure battery current with selectable 6mA or 600mA
range. The battery current sense resistor voltage is ampli-
fied with an op-amp and then converted with an ADC. The
GUI reads the ADC value and displays the corresponding
current measurement. There is a removable jumper J208
(default installed, near the Li+ battery connector J9) that
shorts the negative terminal of the battery to GND. To
use the on-board battery ammeter, remove jumper J208
and select the desirable ammeter range (6mA or 600mA)
in the AMUX/ADC tab of the GUI. Reinstall jumper J208
when not using the on-board battery ammeter. See the
Software section for where to read the current value on
the GUI.
Table 2. Trip Thresholds for 3380K Beta
Thermistor
TRIP VOLTAGE (V)
TRIP TEMPERATURES (°C)
1.024
-10
0.976
-5
0.923
0
0.867
5
0.807
10
0.747
15
0.511
35
0.459
40
0.411
45
0.367
50
0.327
55
0.291
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com