Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77650 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX77650
Description  GUI Drives I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77650 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX77650 Datasheet HTML 12Page - Maxim Integrated Products MAX77650 Datasheet HTML 13Page - Maxim Integrated Products MAX77650 Datasheet HTML 14Page - Maxim Integrated Products MAX77650 Datasheet HTML 15Page - Maxim Integrated Products MAX77650 Datasheet HTML 16Page - Maxim Integrated Products MAX77650 Datasheet HTML 17Page - Maxim Integrated Products MAX77650 Datasheet HTML 18Page - Maxim Integrated Products MAX77650 Datasheet HTML 19Page - Maxim Integrated Products MAX77650 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Maxim Integrated │ 16
www.maximintegrated.com
Evaluates: MAX77650/MAX77651
MAX77650/MAX77651 Evaluation Kit
MAX77650/MAX77651 EV Kit Component List (continued)
REF_DES
DNI/DNP
MAX77650EVKIT
QTY
MAX77651EVKIT
QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
R156
11
CRCW04021
05KFK
VISHAY DALE
105K
RESISTOR; 0402; 105K OHM;
1%; 100PPM; 0.063W ; THICK
FILM
R158
11
CRCW04021
69KFK
VISHAY DALE
169K
RESISTOR; 0402; 169K OHM;
1%; 100PPM; 0.063W; THICK
FILM
R160
11
CRCW04024
752FK;
9C04021A47
52FLHF3;
CRCW04024
7K5FK
VISHAY DALE
47.5K
RESISTOR; 0402; 47.5K; 1%;
100PPM; 0.0625W; THICK FILM
R201, R222, R235, R248,
R289
55
CRCW04021
00RFK;
9C04021A10
00FL;
RC0402FR-
07100RL
VISHAY DALE;
PANASONIC; YAGEO
PHYCOMP
100
RESISTOR; 0402; 100 OHM; 1%;
100PPM; 0.063W; THICK FILM
R202, R223, R236, R249
4
4
CRCW04026
80RFK;RC040
2FR-07680RL
VISHAY DALE/YAGEO
PHICOMP
680
RESISTOR, 0402, 680 OHM, 1%,
100PPM, 0.0625W, THICK FILM
R203, R224, R237, R250
4
4
CRCW04022
0K0FK
VISHAY DALE
20K
RESISTOR; 0402; 20K OHM; 1%;
100PPM; 0.063W; THICK FILM
R205, R206, R226, R228,
R239, R240, R252, R253
88
CRCW04024
991FK
VISHAY DALE
4.99K
RESISTOR; 0402; 4.99K; 1%;
100PPM; 0.0625W; THICK FILM
R207, R208, R229, R230,
R242, R243, R254, R255,
R263, R264
10
10
1K
RESISTOR; 0402; 1K; 1%;
100PPM; 0.0625W; THICK FILM;
FORMFACTOR
R210, R231, R244, R257,
R301
55
CRCW04021
M00FK
VISHAY DALE
1M
RESISTOR; 0402; 1M; 1%;
100PPM; 0.0625W; THICK FILM
R211, R233, R245, R258
4
4
ERJ-
3RQF1R0V
PANASONIC
1
RESISTOR, 0603, 1 OHM, 1%,
100PPM, 0.10W, THICK FILM
R213,R260
Do not
install
22
OPEN
RESISTOR; 0402; OPEN;
FORMFACTOR
R227(MAX77650)
1
0
0
RESISTOR; 0402; 0 OHM; 1%;
100PPM; 0.0625W; THICK FILM;
FORMFACTOR
R227(MAX77651)
0
1
CRCW04025
10KJN
VISHAY DALE
510K
RESISTOR; 0402; 510K OHM;
5%; 200PPM; 0.063W; METAL
FILM
R234(MAX77650)
Do not
install
00
OPEN
RESISTOR; 0402; OPEN;
FORMFACTOR
R234(MAX77651)
0
1
CRCW04025
10KJN
VISHAY DALE
510K
RESISTOR; 0402; 510K OHM;
5%; 200PPM; 0.063W; METAL
FILM
R246(MAX77650)
1
0
0
RESISTOR; 0402; 0 OHM; 1%;
100PPM; 0.0625W; THICK FILM;
FORMFACTOR
R246(MAX77651)
0
1
CRCW04025
10KJN
VISHAY DALE
510K
RESISTOR; 0402; 510K OHM;
5%; 200PPM; 0.063W; METAL
FILM
R247(MAX77650)
Do not
install
00
OPEN
RESISTOR; 0402; OPEN;
FORMFACTOR
R247(MAX77651)
0
1
CRCW04025
10KJN
VISHAY DALE
510K
RESISTOR; 0402; 510K OHM;
5%; 200PPM; 0.063W; METAL
FILM
R261
11
CSR0603FKR
100
STACKPOLE
ELECTRONICS INC
0.1
RESISTOR; 0603; 0.1 OHM; 1%;
300PPM; 0.125W; THICK FILM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com