Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77650 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX77650
Description  GUI Drives I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77650 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX77650 Datasheet HTML 11Page - Maxim Integrated Products MAX77650 Datasheet HTML 12Page - Maxim Integrated Products MAX77650 Datasheet HTML 13Page - Maxim Integrated Products MAX77650 Datasheet HTML 14Page - Maxim Integrated Products MAX77650 Datasheet HTML 15Page - Maxim Integrated Products MAX77650 Datasheet HTML 16Page - Maxim Integrated Products MAX77650 Datasheet HTML 17Page - Maxim Integrated Products MAX77650 Datasheet HTML 18Page - Maxim Integrated Products MAX77650 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Maxim Integrated │ 15
www.maximintegrated.com
Evaluates: MAX77650/MAX77651
MAX77650/MAX77651 Evaluation Kit
MAX77650/MAX77651 EV Kit Component List (continued)
REF_DES
DNI/DNP
MAX77650EVKIT
QTY
MAX77651EVKIT
QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
Q100, Q101
2
2
FDY300NZ
FAIRCHILD
SEMICONDUCTOR
FDY300NZ
TRAN; SINGLE N-CHANNEL 2.5V
SPECIFIED POWERTRENCH
MOSFET; NCH; SC89; PD-
(0.625W); I-(0.6A); V-(20V)
Q200-Q203
44
IRFHM8337T
RPBF
INTERNATIONAL
RECTIFIER
IRFHM8337TR
PBF
TRAN; HEXFET POWER MOSFET;
NCH; PQFN8; PD-(2.8W); I-
(18A); V-(30V)
Q204
1
1
DMG3420U
DIODES
INCORPORATED
DMG3420U
TRAN; N-CHANNEL
ENHANCEMENT MODE MOSFET;
NCH; SOT-23; PD-(0.74W); I-
(5.47A); V-(20V)
Q205
1
1
FDN360P
FAIRCHILD
SEMICONDUCTOR
FDN360P
TRANSISTOR, MOSFET P-
CHANNEL, SUPERSOT-3,
PD=0.5W, ID=-2.0A, VDSS=-
30V,VGSS=+/-20V
Q206
1
1
2N7002
2N7002
TRAN; ; NCH; SOT-23; PD-
(0.33W); IC-(0.5A); VCEO-(60V); -
55 DEGC TO +150 DEGC
R1, R2, R10, R13, R15, R281,
R282, R287, R288
99
CRCW04021
0K0FK;
RC0402FR-
0710K
VISHAY DALE; YAGEO
PHICOMP
10K
RESISTOR; 0402; 10K; 1%;
100PPM; 0.0625W; THICK FILM
R3, R5-R9, R142, R277, R279
9
9
0
RESISTOR; 0603; 0 OHM; 0%;
JUMPER; 0.10W; THICK FILM;
FORMFACTOR
R4, R122
22
1M
RESISTOR; 0603; 1M; 1%;
100PPM; 0.10W; THICK FILM;
FORMFACTOR
R11, R17, R135, R136, R139,
R141, R143, R148, R152,
R155, R162-R164, R204,
R212, R225, R238, R251,
R259, R285, R286, R302-R306
26
26
0
RESISTOR; 0402; 0 OHM; 1%;
100PPM; 0.0625W; THICK FILM;
FORMFACTOR
R12
11
3296Y-1-
204LF
BOURNS
200K
RESISTOR; THROUGH HOLE-
RADIAL LEAD; 3296 SERIES;
200K OHM; 10%; 100PPM; 0.5W
R14, R115, R157, R159, R161,
R214, R280, R283
88
100K
RESISTOR; 0402; 100K; 1%;
100PPM; 0.0625W; THICK FILM;
FORMFACTOR
R16, R151
22
CRCW04021
50RFK;
9C04021A15
00FL
VISHAY DALE
150
RESISTOR; 0402; 150 OHM; 1%;
100PPM; 0.0625W; THICK FILM
R100, R118
22
4.7K
RESISTOR, 0402, 4.7K OHM, 1%,
100PPM, 0.0625W, THICK FILM;
FORMFACTOR
R103, R123, R150
3
3
22
RESISTOR, 0402, 22 OHM, 1%,
100PPM, 0.0625W, THICK FILM;
FORMFACTOR
R107, R108
22
2.2K
RESISTOR, 0402, 2.2K OHM, 1%,
100PPM, 0.0625W, THICK FILM;
FORMFACTOR
R109, R111
22
100
RESISTOR; 0402; 100 OHM; 1%;
100PPM; 0.0625W; THICK FILM;
FORMFACTOR
R110
11
CRCW04024
70RFK
VISHAY DALE
470
RESISTOR, 0402, 470 OHM, 1%,
100PPM, 0.0625W, THICK FILM
R137, R138
22
49.9
RESISTOR; 0402; 49.9 OHM; 1%;
100PPM; 0.0625W; THICK FILM;
FORMFACTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com