Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77650 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX77650
Description  GUI Drives I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77650 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX77650 Datasheet HTML 9Page - Maxim Integrated Products MAX77650 Datasheet HTML 10Page - Maxim Integrated Products MAX77650 Datasheet HTML 11Page - Maxim Integrated Products MAX77650 Datasheet HTML 12Page - Maxim Integrated Products MAX77650 Datasheet HTML 13Page - Maxim Integrated Products MAX77650 Datasheet HTML 14Page - Maxim Integrated Products MAX77650 Datasheet HTML 15Page - Maxim Integrated Products MAX77650 Datasheet HTML 16Page - Maxim Integrated Products MAX77650 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Maxim Integrated │ 13
www.maximintegrated.com
Evaluates: MAX77650/MAX77651
MAX77650/MAX77651 Evaluation Kit
MAX77650/MAX77651 EV Kit Component List (continued)
REF_DES
DNI/DNP
MAX77650EVKIT
QTY
MAX77651EVKIT
QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
C25, C27-C29
4
4
GRM155R61A104KA01D
MURATA
0.1UF
CAPACITOR; SMT; 0402;
CERAMIC; 0.1uF; 10V; 10%;
X5R; -55degC to + 125degC; 0 +/-
30PPM/degC; FORMFACTOR ;
C30-C33
4
4
GRM155R61
A103KA01D
MURATA
0.01UF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 0.01UF; 10V;
TOL=10%; MODEL=C0402C
SERIES; TG=-55 DEGC TO +125
DEGC; TC=X7R
C152, C153
2
2
GRM1555C1
H150FA01
MURATA
15PF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 15PF; 50V;
TOL=1%; TG=-55 DEGC TO +125
DEGC; TC=C0G
C200, C205, C210, C215,
C220, C238, C248-C252
11
11
GRM155R71
H472KA01D
MURATA
4700PF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 4700PF; 50V;
TOL=10%; TG=-55 DEGC TO +85
DEGC; TC=X5R
C201, C206, C211, C216
4
4
GRM155R71H102KA01D
MURATA
1000PF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 1000PF; 50V;
TOL=10%; MODEL=C0G; TG=-55
DEGC TO +125 DEGC; TC=+;
FORMFACTOR
C203, C204, C208, C209,
C213, C214, C218, C219
8
8
C0402C180J5
GAC;
GRM1555C1
H180JA01J;C
1005C0G1H1
80J050
KEMET/MURATA/TDK
18PF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 18PF; 50V;
TOL=5%; TG=-55 DEGC TO +125
DEGC; TC=C0G
C225
1
1
GRM1555C1
H331GA01;
C1005C0G1H
331G050
MURATA/TDK
330PF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 330PF; 50V;
TOL=2%; TG=-55 DEGC TO +125
DEGC; TC=C0G
C227
1
1
GRM1555C1
H181GA01
MURATA
180PF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 180PF; 50V;
TOL=2%; TG=-55 DEGC TO +125
DEGC; TC=C0G
C228
1
1
GRM155R61A105KE15J
MURATA
1UF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 1UF; 10V;
TOL=10%; MODEL=; TG=-55
DEGC TO +85 DEGC; TC=X5R;
FORMFACTOR
C269-C271
3
3
GRM155R61
C105KE01D
MURATA
1UF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 1UF; 16V;
TOL=10%; MODEL=C SERIES;
TG=-55 DEGC TO +85 DEGC;
TC=X5R; FORMFACTOR
D100, D101
2
2
LTST-
C190YKT
LITE-ON ELECTRONICS;
INC.
LTST-C190YKT
DIODE; LED; STANDARD;
YELLOW; SMT (0603); PIV=5.0V;
IF=0.02A; -55 DEGC TO +85
DEGC
D102, D103
2
2
LTST-
C190CKT
LITE-ON ELECTRONICS;
INC.
LTST-C190CKT
DIODE; LED; STANDARD; RED;
SMT (0603); PIV=5.0V; IF=0.04A;
-55 DEGC TO +85 DEGC
DS1
1
1
19-
337/R6GHBH
C-A01/2T
EVERLIGHT
19-
337/R6GHBH
C-A01/2T
DIODE; LED; SMD-B;
RED/GREEN/BLUE; SMT; PIV=2V-
3.3V; IF=0.02A
FB100
1
1
BLM18PG22
1SN1
MURATA
220
INDUCTOR; SMT (0603);
FERRITE-BEAD; 220; TOL=+/-
25%; 1.4A; -55 DEGC TO +125
DEGC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com