Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77650 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX77650
Description  GUI Drives I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77650 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX77650 Datasheet HTML 8Page - Maxim Integrated Products MAX77650 Datasheet HTML 9Page - Maxim Integrated Products MAX77650 Datasheet HTML 10Page - Maxim Integrated Products MAX77650 Datasheet HTML 11Page - Maxim Integrated Products MAX77650 Datasheet HTML 12Page - Maxim Integrated Products MAX77650 Datasheet HTML 13Page - Maxim Integrated Products MAX77650 Datasheet HTML 14Page - Maxim Integrated Products MAX77650 Datasheet HTML 15Page - Maxim Integrated Products MAX77650 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Maxim Integrated │ 12
www.maximintegrated.com
Evaluates: MAX77650/MAX77651
MAX77650/MAX77651 Evaluation Kit
MAX77650/MAX77651 EV Kit Component List
REF_DES
DNI/DNP
MAX77650EVKIT
QTY
MAX77651EVKIT
QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
VL, AIN1, AIN7, VIL_LDO,
VIL_SBB0-VIL_SBB2
7
7
5000
KEYSTONE
TEST POINT; PIN DIA=0.1IN;
TOTAL LENGTH=0.3IN; BOARD
HOLE=0.04IN; RED; PHOSPHOR
BRONZE WIRE SILVER PLATE
FINISH;
NEN, SCL, SDA, AMUX, GPIO,
NIRQ, NRST, QSCL, QSDA,
PWRHLD
10
10
5002
KEYSTONE
TEST POINT; PIN DIA=0.1IN;
TOTAL LENGTH=0.3IN; BOARD
HOLE=0.04IN; WHITE;
PHOSPHOR BRONZE WIRE
SILVER;
LDO, THM, SBB0-SBB2, VSYS,
BATTN, CHGIN, INLDO, TBIAS,
VBATT, IN_SBB
12
12
5010
KEYSTONE
TESTPOINT WITH 1.80MM HOLE
DIA, RED, MULTIPURPOSE;
C1, C11, C15
3
3
GRM188R61
A226ME15D
MURATA
22UF
CAPACITOR; SMT (0603);
CERAMIC CHIP; 22UF; 10V;
TOL=20%; MODEL=CL SERIES;
TG=-55 DEGC TO +85 DEGC;
TC=X5R; FORMFACTOR
C2
1
1
GRM188R61
E475KE11D
MURATA
4.7UF
CAPACITOR; SMT (0603);
CERAMIC CHIP; 4.7UF; 25V;
TOL=10%; TG=-55 DEGC TO +85
DEGC; TC=X5R
C3, C12, C110-C113, C115,
C118, C120, C158, C239-C242
14
14
GRM155R60J
105KE19D
MURATA
1UF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 1UF; 6.3V;
TOL=20%; MODEL=C SERIES;
TG=-55 DEGC TO +85 DEGC;
TC=X5R ; FORMFACTOR
C4
1
1
GRM155R71
H332KA01D
MURATA
3300PF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 3300PF; 50V;
TOL=10%; TG=-55 DEGC TO +85
DEGC; TC=X5R
C5, C6, C8, C9, C13, C17, C20
7
7
GRJ155R60J106ME11D
MURATA
10UF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 10UF; 6.3V;
TOL=20%; MODEL=; TG=-55
DEGC TO +85 DEGC; TC=X5R;
FORMFACTOR
C7, C154
2
2
ZRB15XR61A475ME01D
MURATA
4.7UF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 4.7UF; 10V;
TOL=20%; MODEL=C SERIES;
TG=-55 DEGC TO +85 DEGC;
TC=X5R; FORMFACTOR
C10, C114
2
2
GRM188R61
A474KA61D
MURATA
0.47UF
CAPACITOR; SMT; 0603;
CERAMIC; 0.47uF; 10V; 10%;
X5R; -55degC to + 125degC, ;
FORMFACTOR
C14, C108, C150, C151, C155-
C157, C159, C202, C207,
C212, C217, C221-C224,
C226, C234-C237, C244,
C268, C272-C277
29
29
GRM155R61E104KA87D
MURATA
0.1UF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 0.1UF; 25V;
TOL=10%; MODEL=C SERIES;
TG=-55 DEGC TO +125 DEGC;
TC=X7R; FORMFACTOR
C16,C18,C19,C21-
C24,C26,C129,C134
Do not
install
10
10
OPEN
CAPACITOR; SMT (0402); OPEN;
FORMFACTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com