Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77650 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX77650
Description  GUI Drives I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77650 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX77650 Datasheet HTML 5Page - Maxim Integrated Products MAX77650 Datasheet HTML 6Page - Maxim Integrated Products MAX77650 Datasheet HTML 7Page - Maxim Integrated Products MAX77650 Datasheet HTML 8Page - Maxim Integrated Products MAX77650 Datasheet HTML 9Page - Maxim Integrated Products MAX77650 Datasheet HTML 10Page - Maxim Integrated Products MAX77650 Datasheet HTML 11Page - Maxim Integrated Products MAX77650 Datasheet HTML 12Page - Maxim Integrated Products MAX77650 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Maxim Integrated │ 9
www.maximintegrated.com
Evaluates: MAX77650/MAX77651
MAX77650/MAX77651 Evaluation Kit
Electronic Load
The EV kit comes with an electronic load that allows the
user to easily evaluate the SIMO and LDO. An on-board
DAC and op-amp configuration set the load current
through I2C. J201, J203, J205, and J207 connect the
load to the output of the SBB0, SBB1, SBB2, and LDO,
respectively. Emulate SYS loading by removing J207 and
connecting pin 1 of the header to VSYS with a wire. To
exercise the load transient response, remove J200 (for
SBB0), J202 (for SBB1), J204 (for SBB2), or J206 (for
LDO) and connect a signal generator to the gate of the
load MOSFET (pin 2 of the header). Drive the MOSFET
gate with a signal between 1V (off) and 3V (fully on) to
apply transients to the output of the SIMO or LDO. Note
that there is a 1Ω sense resistor that has test point access
(called VIL_SBB0, VIL_SBB1, VIL_SBB2, and VIL_LDO)
that allows for a 1:1 conversion of load current to voltage.
See the Software section for how to set the load current
from the GUI.
On-Board ADC (MAX11614)
An on-board ADC is available to convert the output volt-
ages of SBB0, SBB1, SBB2, and LDO. The AMUX pin of
the MAX77650/MAX77651, test points AIN1 and AIN7,
and battery current (IBATT) are also measured. The GUI
does the appropriate conversions. See the Software sec-
tion for how to read these values from the GUI.
Software
The graphical user interface (GUI) software allows for
quick, easy, and thorough evaluation of the MAX77650/
MAX77651.
The GUI is designed to have individual tabs for each func-
tional block of the device (global resources, interrupts/status,
GPIO, charger, SIMO buck-boost, LDO, and LED driver)
and two additional tabs for controlling EV kit hardware
(load control and AMUX/ADC). See Figure 8 for a screen-
shot of the GUI upon first opening.
Figure 7. Electronic Load Block Diagram
MAX5815
DAC
REGULATOR OUTPUT
1Ω
SENSE
RESISTOR
JUMPER A
JUMPER B
REGULATOR
OUTPUT
JUMPER A
JUMPER B
SBB0
SBB1
SBB2
LDO
SENSE
J200
J201
VIL_SBB0
J202
J203
VIL_SBB1
J204
J205
VIL_SBB2
J206
J207
VIL_LDO
SENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com