Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77650 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX77650
Description  GUI Drives I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77650 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX77650 Datasheet HTML 14Page - Maxim Integrated Products MAX77650 Datasheet HTML 15Page - Maxim Integrated Products MAX77650 Datasheet HTML 16Page - Maxim Integrated Products MAX77650 Datasheet HTML 17Page - Maxim Integrated Products MAX77650 Datasheet HTML 18Page - Maxim Integrated Products MAX77650 Datasheet HTML 19Page - Maxim Integrated Products MAX77650 Datasheet HTML 20Page - Maxim Integrated Products MAX77650 Datasheet HTML 21Page - Maxim Integrated Products MAX77650 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Maxim Integrated │ 18
www.maximintegrated.com
Evaluates: MAX77650/MAX77651
MAX77650/MAX77651 Evaluation Kit
MAX77650/MAX77651 EV Kit Component List (continued)
REF_DES
DNI/DNP
MAX77650EVKIT
QTY
MAX77651EVKIT
QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
U206
11
MAX14689E
WL+
MAXIM
MAX14689E
WL+
IC; ASW; 0.125A; FREQUENCY-
SELECTSBLE; SWITCHED-
CAPACITOR VOLTAGE
CONVERTER; WLP9 1.2X1.2
U207
11
MAX4238AU
T+
MAXIM
MAX4238AUT
+
IC; OPAMP; IC; ULTRA-LOW
OFFSET/DRIFT; LOW-NOISE;
PRECISION SOT23 AMPLIFIER;
SOT23-6
U209
11
MAX11614E
EE+
MAXIM
MAX11614EE
E+
IC; ADC; LOW-POWER; 8-
CHANNEL; I2C; 12-BIT ADC IN
ULTRA-SMALL PACKAGE;
QSOP16
U210
11
MAX6037BA
UK41+
MAXIM
MAX6037BAU
K41+
IC; VREF; LOW-POWER; FIXED;
ADJUSTABLE REFERENCE WITH
SHUTDOWN; SOT23-5
U211
11
MAX1697UE
UT+
MAXIM
MAX1697UEU
T+
IC; INV; INVERTING CHARGE
PUMP WITH SHUTDOWN;
SOT23-6
Y101
11
CX3225SB16
000D0FLJZZ
KYOCERA-KINSEKI
16MHZ
CRYSTAL; SMT (3225) 3.2X2.5;
8PF; 16MHZ; +/-10PPM; +/-
15PPM
L2
DNP
0
0
MLP1608VR4
7D
TDK
0.47UH
INDUCTOR; SMT (0603);
SHIELDED; 0.47UH; TOL=+/-
0.3nH; 0.8A
PCB
11
CL30_MAX77
651
MAXIM
PCB
PCB: MAX77651 EVKIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com