Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77650 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX77650
Description  GUI Drives I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77650 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX77650 Datasheet HTML 1Page - Maxim Integrated Products MAX77650 Datasheet HTML 2Page - Maxim Integrated Products MAX77650 Datasheet HTML 3Page - Maxim Integrated Products MAX77650 Datasheet HTML 4Page - Maxim Integrated Products MAX77650 Datasheet HTML 5Page - Maxim Integrated Products MAX77650 Datasheet HTML 6Page - Maxim Integrated Products MAX77650 Datasheet HTML 7Page - Maxim Integrated Products MAX77650 Datasheet HTML 8Page - Maxim Integrated Products MAX77650 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Evaluates: MAX77650/MAX77651
MAX77650/MAX77651 Evaluation Kit
General Description
The MAX77650/MAX77651 evaluation kit (EV kit) is a
fully assembled and tested printed circuit board (PCB)
that demonstrates the MAX77650/MAX77651. The EV
kit allows for easy evaluation of the various MAX77650/
MAX77651 features, including the SIMO buck-boost regu-
lator, linear regulator, analog multiplexer, smart battery
charger, on/off controller, and I2C interface.
The MAX77650 and MAX77651 EV kits are identical
aside from the device (U1), silkscreen, and two resis-
tive dividers at the SIMO outputs (see the MAX77650/
MAX77651 EV Kit Differences section). The MAX77650/
MAX77651 devices themselves have different output volt-
age ranges for the SIMO buck-boost regulator. Consult
the device data sheet for more information.
Windows®-based software provides a user-friendly graph-
ical interface as well as a detailed register-based interface
to exercise the features of the MAX77650/MAX77651.
Features
● Easy to Use
● GUI Drives I2C Interface
● On-Board Battery Ammeter
● On-Board Thermistor
● On-Key Options
● RGB LED Cluster
● Assembled and Fully Tested
● Emulates System Loading
● On-Board Electronic Loads
● Electronic Loads have steady-state, transient, and
random modes
● Demonstrates End-to-End Analog Multiplexer
Implementation
● On-Board ADC
● Evaluates Both Push-Button and Slider-Switch
On-Key Options
19-8561; Rev 1; 12/17
Ordering Information appears at end of data sheet.
Windows is a registered trademark and registered service mark of Microsoft Corp.
Figure 1. MAX77650 EV Kit Photo


Similar Part No. - MAX77650

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77650 MAXIM-MAX77650 Datasheet
2Mb / 82P
Ultra-Low Power PMIC with 3-Output SIMO and Power Path Charger for Small Li
Rev 7; 9/18
MAX77650AEWVT MAXIM-MAX77650AEWVT Datasheet
2Mb / 82P
Ultra-Low Power PMIC with 3-Output SIMO and Power Path Charger for Small Li
Rev 7; 9/18
MAX77650BEWVT MAXIM-MAX77650BEWVT Datasheet
2Mb / 82P
Ultra-Low Power PMIC with 3-Output SIMO and Power Path Charger for Small Li
Rev 7; 9/18
MAX77650CEWVT MAXIM-MAX77650CEWVT Datasheet
2Mb / 82P
Ultra-Low Power PMIC with 3-Output SIMO and Power Path Charger for Small Li
Rev 7; 9/18
MAX77650EWVT MAXIM-MAX77650EWVT Datasheet
2Mb / 82P
Ultra-Low Power PMIC with 3-Output SIMO and Power Path Charger for Small Li
Rev 7; 9/18
More results

Similar Description - MAX77650

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TGUI9440 ETC1-TGUI9440 Datasheet
601Kb / 4P
GUI Accelerator
TGUI9440-3 ETC1-TGUI9440-3 Datasheet
513Kb / 3P
GUI Accelerator
logo
Digital Core Design
DI2CM DCD-DI2CM Datasheet
148Kb / 5P
I2C Bus Interface - Master
DI2CS DCD-DI2CS Datasheet
140Kb / 4P
I2C Bus Interface - Slave
logo
Vincotech
V23990-P541-X2X-D4-14 VINCOTECH-V23990-P541-X2X-D4-14 Datasheet
977Kb / 23P
Industrial drives Embedded drives
V23990-P543-X2X-D4-14 VINCOTECH-V23990-P543-X2X-D4-14 Datasheet
922Kb / 23P
Industrial drives Embedded drives
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
Industrial drives Embedded drives
V23990-P545-X2X-D4-14 VINCOTECH-V23990-P545-X2X-D4-14 Datasheet
880Kb / 23P
Industrial drives Embedded drives
logo
Zilog, Inc.
Z89C6700ZEM ZILOG-Z89C6700ZEM Datasheet
36Kb / 6P
Z8 GUI Emulator Software
logo
Maxim Integrated Produc...
MAX77643EVKIT MAXIM-MAX77643EVKIT Datasheet
2Mb / 22P
GUI-Driven I2C Interface
319-100541; Rev 1; 9/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com