Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 129 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 129 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 125Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 126Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 127Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 128Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 129Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 130Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 131Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 132Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 133Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Analog-to-Digital Converter
Z8 Encore! XP® F08xA Series
Product Specification
111
–
If the internal voltage reference must be output to a pin, set the REFEXT bit to 1.
The internal voltage reference must be enabled in this case.
–
Write the REFSELL bit of the pair {REFSELH, REFSELL} to select the internal
voltage reference level or to disable the internal reference. The REFSELL bit is
contained in the ADC Control Register 0.
–
Set CEN to 1 to start the conversion.
5. CEN remains 1 while the conversion is in progress. A single-shot conversion requires
5129 system clock cycles to complete. If a single-shot conversion is requested from an
ADC powered-down state, the ADC uses 40 additional clock cycles to power-up
before beginning the 5129 cycle conversion.
6. When the conversion is complete, the ADC control logic performs the following
operations:
–
11-bit two’s-complement result written to {ADCD_H[7:0], ADCD_L[7:5]}.
–
CEN
resets to 0 to indicate the conversion is complete.
–
If the High and Low alarms are disabled, an interrupt request is sent to the
Interrupt Controller denoting conversion complete.
–
If the High alarm is enabled and the ADC value is higher than the alarm threshold,
an interrupt is generated.
–
If the Low alarm is enabled and the ADC value is lower than the alarm threshold,
an interrupt is generated.
7. If the ADC remains idle for 160 consecutive system clock cycles, it is automatically
powered-down.
Continuous Conversion
When configured for continuous conversion, the ADC continuously performs an analog-
to-digital conversion on the selected analog input. Each new data value over-writes the
previous value stored in the ADC Data registers. An interrupt is generated after each con-
version.
In CONTINUOUS mode, ADC updates are limited by the input signal bandwidth of the
ADC and the latency of the ADC and its digital filter. Step changes at the input are not
detected at the next output from the ADC. The response of the ADC (in all modes) is
limited by the input signal bandwidth and the latency.
Follow these steps for setting up the ADC and initiating continuous conversion:
1. Enable the acceptable analog input by configuring the general-purpose I/O pins for
alternate function. This action disables the digital input and output driver.
2. Write the ADC High Threshold Register and ADC Low Threshold Register if the alarm
function is required.
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com