Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 133 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 133 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 129Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 130Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 131Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 132Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 133Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 134Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 135Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 136Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 137Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Analog-to-Digital Converter
Z8 Encore! XP® F08xA Series
Product Specification
115
Also note that in the second term, the multiplication should be performed before the divi-
sion by 216. Otherwise, the second term will incorrectly evaluate to zero.
Although the ADC can be used without the gain and offset compensation, it does exhibit
non-unity gain. Designing the ADC with sub-unity gain reduces noise across the ADC
range but requires the ADC results to be scaled by a factor of 8/7.
Input Buffer Stage
Many applications require the measurement of an input voltage source with a high output
impedance. This ADC provides a buffered input for such situations. The drawback of the
buffered input is a limitation of the input range. When using unity gain buffered mode, the
input signal must be prevented from coming within 300mV of VSS and 400mV of VDD.
Very small input voltages (less than 300mV) may not be measured in BUFFERED mode.
This condition applies only to the input voltage level (with respect to ground) of each dif-
ferential input signal. The actual differential input voltage magnitude may be less than 300
mV.
The 20x gain mode has more complicated input signal requirements. Similar to the unity
gain buffered mode, both inputs must be prevented from coming within 300mV of either
supply. Because of the limitations in the output swing of the 20x gain stage, the following
additional constraints apply:
430 mV < 10 (Vinp - Vinn) + Vcm < VDD - 430mV
430 mV < 10 (Vinn - Vinp) + Vcm < VDD - 430mV
where
Vcm = (Vinp - Vinn)/2 (common mode voltage),
Vinp is the positive ADC input voltage,
Vinn is the negative ADC input voltage
These differential mode limitations explain that the common mode voltage of the differen-
tial inputs must be significantly above ground and below the supply, and that the differen-
tial magnitude must exceed these limitations.
The input range of the unbuffered ADC swings from VSS to VDD. Input signals smaller
than 300mV must use the unbuffered input mode. If these signals do not contain low out-
put impedances, they might require off-chip buffering.
Signals outside the allowable input range can be used without instability or device dam-
age. Any ADC readings made outside the input range are subject to greater inaccuracy
than specified.
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com