Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 135 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 135 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 131Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 132Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 133Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 134Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 135Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 136Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 137Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 138Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 139Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Analog-to-Digital Converter
Z8 Encore! XP® F08xA Series
Product Specification
117
ADC Control Register Definitions
ADC Control Register 0
The ADC Control register selects the analog input channel and initiates the analog-to-dig-
ital conversion.
CEN—Conversion Enable
0 = Conversion is complete. Writing a 0 produces no effect. The ADC automatically clears
this bit to 0 when a conversion is complete.
1 = Begin conversion. Writing a 1 to this bit starts a conversion. If a conversion is already
in progress, the conversion restarts. This bit remains 1 until the conversion is complete.
REFSELL—Voltage Reference Level Select Low Bit; in conjunction with the High bit
(REFSELH) in ADC Control/Status Register 1, this determines the level of the internal volt-
age reference; the following details the effects of {REFSELH, REFSELL}; note that this
reference is independent of the Comparator reference
00= Internal Reference Disabled, reference comes from external pin
01= Internal Reference set to 1.0 V
10= Internal Reference set to 2.0 V (default)
11= Reserved
REFEXT - External Reference Select
0 = External reference buffer is disabled; Vref pin is available for GPIO functions
1 = The internal ADC reference is buffered and connected to the Vref pin
CONT
0 = Single-shot conversion. ADC data is output once at completion of the 5129 system
clock cycles
1 = Continuous conversion. ADC data updated every 256 system clock cycles
ANAIN[3:0]—Analog Input Select
These bits select the analog input for conversion. Not all Port pins in this list are available
in all packages for the Z8 Encore! XP® F08xA Series. Refer to the chapter “Pin Descrip-
tion” on page 7
for information regarding the Port pins available with each package style.
Do not enable unavailable analog inputs. Usage of these bits changes depending on the
buffer mode selected in ADC Control/Status Register 1.
Table 70. ADC Control Register 0 (ADCCTL0)
BITS
7
6
5
4
3
2
1
0
FIELD
CEN
REFSELL
REFEXT
CONT
ANAIN[3:0]
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
F70H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com