Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 140 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 140 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 136Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 137Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 138Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 139Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 140Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 141Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 142Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 143Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 144Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Comparator
Z8 Encore! XP® F08xA Series
Product Specification
122
Comparator
Overview
The Z8 Encore! XP® F08xA Series devices feature a general purpose comparator that
compares two analog input signals. A GPIO (CINP) pin provides the positive comparator
input. The negative input (CINN) may be taken from either an external GPIO pin or an
internal reference. The output is available as an interrupt source or can be routed to an
external pin using the GPIO multiplex. Features include:
• 2 inputs which can be connected up using the GPIO multiplex (MUX)
• 1 input can be connected to a programmable internal reference
• 1 input can be connected to the on-chip temperature sensor
• Output can be either an interrupt source or an output to an external pin
Operation
One of the comparator inputs may be connected to an internal reference which is a user
selectable reference that is user programmable with 200 mV resolution.
The comparator may be powered down to save on supply current. See the Power Control
Register 0
on page 29 for details.
Because of the propagation delay of the comparator, it is not recommended to enable the
comparator without first disabling interrupts and waiting for the comparator output to
settle. Doing so can result in spurious interrupts after comparator enabling. The follow-
ing example shows how to safely enable the comparator:
di
ld cmp0
nop
nop
; wait for output to settle
clr irq0 ; clear any spurious interrupts pending
ei
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com