Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 141 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 141 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 137Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 138Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 139Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 140Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 141Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 142Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 143Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 144Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 145Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Comparator
Z8 Encore! XP® F08xA Series
Product Specification
123
Comparator Control Register Definitions
Comparator Control Register
The Comparator Control Register (CMPCTL) configures the comparator inputs and sets
the value of the internal voltage reference.
INPSEL—Signal Select for Positive Input
0 = GPIO pin used as positive comparator input
1 = temperature sensor used as positive comparator input
INNSEL—Signal Select for Negative Input
0 = internal reference disabled, GPIO pin used as negative comparator input
1 = internal reference enabled as negative comparator input
REFLVL—Internal Reference Voltage Level (note that this reference is independent of the
ADC voltage reference)
0000 = 0.0 V
0001 = 0.2 V
0010 = 0.4 V
0011 = 0.6 V
0100 = 0.8 V
0101 = 1.0 V (Default)
0110 = 1.2 V
0111 = 1.4 V
1000 = 1.6 V
1001 = 1.8 V
1010–1111 = Reserved
Table 76. Comparator Control Register (CMP0)
BITS
7
6
5
4
3
2
1
0
FIELD
INPSEL
INNSEL
REFLVL
Reserved
RESET
0
001
01
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
F90H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com