Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 159 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 159 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 155Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 156Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 157Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 158Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 159Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 160Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 161Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 162Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 163Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Flash Option Bits
Z8 Encore! XP® F08xA Series
Product Specification
141
Flash Program Memory Address 0000H
WDT_RES—Watch-Dog Timer Reset
0 = Watch-Dog Timer time-out generates an interrupt request. Interrupts must be globally
enabled for the eZ8 CPU to acknowledge the interrupt request.
1 = Watch-Dog Timer time-out causes a system reset. This setting is the default for unpro-
grammed (erased) Flash.
WDT_AO—Watch-Dog Timer Always On
0 = Watch-Dog Timer is automatically enabled upon application of system power. Watch-
Dog Timer can not be disabled.
1 = Watch-Dog Timer is enabled upon execution of the WDT instruction. Once enabled,
the Watch-Dog Timer can only be disabled by a Reset or STOP Mode Recovery. This set-
ting is the default for unprogrammed (erased) Flash.
OSC_SEL[1:0]—Oscillator Mode Selection
00 = On-chip oscillator configured for use with external RC networks (<4MHz).
01 = Minimum power for use with very low frequency crystals (32KHz to 1.0MHz).
10 = Medium power for use with medium frequency crystals or ceramic resonators
(0.5MHz to 5.0MHz).
11 = Maximum power for use with high frequency crystals (5.0MHz to 20.0MHz). This
setting is the default for unprogrammed (erased) Flash.
VBO_AO—Voltage Brown-Out Protection Always On
0 = Voltage Brown-Out Protection is disabled in STOP mode to reduce total power con-
sumption.
1 = Voltage Brown-Out Protection is always enabled including during STOP mode. This
setting is the default for unprogrammed (erased) Flash.
FRP—Flash Read Protect
0 = User program code is inaccessible. Limited control features are available through the
On-Chip Debugger.
1 = User program code is accessible. All On-Chip Debugger commands are enabled. This
setting is the default for unprogrammed (erased) Flash.
Reserved—Must be 1.
Table 87. Flash Option Bits at Program Memory Address 0000H
BITS
7
6
5
4
3
2
1
0
FIELD
WDT_RES WDT_AO
OSC_SEL[1:0]
VBO_AO
FRP
Reserved
FWP
RESET
U
U
U
UUU
UU
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
Program Memory 0000H
Note: U = Unchanged by Reset. R/W = Read/Write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com