Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 162 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 162 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 158Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 159Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 160Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 161Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 162Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 163Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 164Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 165Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 166Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Flash Option Bits
Z8 Encore! XP® F08xA Series
Product Specification
144
Trim Bit Address 0003H
Reserved—Must be 1.
LVD_TRIM—Low Voltage Detect Trim
This trimming affects the low voltage detection threshold. Each LSB represents a
50mV change in the threshold level. Alternatively, the low voltage threshold may
be computed from the options bit value by the following equation:
LVD_LVL = 3.2V - LVD_TRIM * 0.05V
Table 92. Trim Option Bits at Address 0003H (TLVD)
BITS
7
6
5
4
3
2
1
0
FIELD
Reserved
LVD_TRIM
RESET
U
U
U
UUU
UU
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
Information Page Memory 0023H
Note: U = Unchanged by Reset. R/W = Read/Write.
LVD Threshold (V)
LVD_TRIM
Minimum
Typical
Maximum
Description
00000
TBD
3.20
TBD
Maximum LVD threshold
00001
TBD
3.15
TBD
00010
TBD
3.10
TBD
00011
TBD
3.05
TBD
00100
to
01010
TBD
3.00
to
2.79
TBD
Default on Reset and to be programmed into Flash
before customer delivery to ensure 2.7V operation.
01010
to
11111
TBD
2.70
to
1.65
TBD
Minimum LVD threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com