Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 165 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 165 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 161Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 162Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 163Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 164Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 165Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 166Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 167Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 168Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 169Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Flash Option Bits
Z8 Encore! XP® F08xA Series
Product Specification
147
Watchdog Timer Calibration Bits
WDTCALH—Watchdog Timer Calibration High Byte
The WDTCALH and WDTCALL bytes, when loaded into the watchdog timer reload reg-
isters result in a one second timeout at room temperature and 3.3V supply voltage. To use
the Watch-Dog Timer calibration, user code must load WDTU with 0x00, WDTH with
WDTCALH and WDTL with WDTCALL.
WDTCALL—Watchdog Timer Calibration Low Byte
The WDTCALH and WDTCALL bytes, when loaded into the watchdog timer reload reg-
isters result in a one second timeout at room temperature and 3.3V supply voltage. To use
the watchdog timer calibration, user code must load WDTU with 0x00, WDTH with
WDTCALH and WDTL with WDTCALL.
1A
FE1A
Gain High Byte
Differential 1x Buffered
External 2.0V
1B
FE1B
Gain Low Byte
Differential 1x Buffered
External 2.0V
Table 96. Watchdog Calibration High Byte at 007EH (WDTCALH)
BITS
7
6
5
4
3
2
1
0
FIELD
WDTCALH
RESET
U
U
U
UUU
UU
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
Information Page Memory 007EH
Note: U = Unchanged by Reset. R/W = Read/Write.
Table 97. Watchdog Calibration Low Byte at 007FH (WDTCALL)
BITS
7
6
5
4
3
2
1
0
FIELD
WDTCALL
RESET
U
U
U
UUU
UU
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
Information Page Memory 007FH
Note: U = Unchanged by Reset. R/W = Read/Write.
Table 95. ADC Calibration Data Location (Continued)
Info Page
Address
Memory
Address
Compensation
Usage
ADC Mode
Reference Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com