Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 167 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 167 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 163Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 164Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 165Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 166Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 167Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 168Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 169Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 170Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 171Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
On-Chip Debugger
Z8 Encore! XP® F08xA Series
Product Specification
149
Operation
OCD Interface
The On-Chip Debugger uses the DBG pin for communication with an external host. This
one-pin interface is a bi-directional open-drain interface that transmits and receives data.
Data transmission is half-duplex, in that transmit and receive cannot occur simultaneously.
The serial data on the DBG pin is sent using the standard asynchronous data format
defined in RS-232. This pin creates an interface from the Z8 Encore! XP® F08xA Series
products to the serial port of a host PC using minimal external hardware.Two different
methods for connecting the DBG pin to an RS-232 interface are depicted in Figures 22
and 23 . The recommended method is the buffered implementation depicted in Figure 23 .
The DBG pin must always be connected to VDD through an external pull-up resistor.
For operation of the On-Chip Debugger, all power pins (VDD and AVDD)
must be supplied with power, and all ground pins (VSS and AVSS) must be
properly grounded.
The DBG pin is open-drain and must always be connected to VDD through
an external pull-up resistor to insure proper operation.
Figure 22.Interfacing the On-Chip Debugger’s DBG Pin with an RS-232 Interface (1)
Caution:
RS-232 TX
RS-232 RX
RS-232
Transceiver
VDD
DBG Pin
10KOhm
Schottky
Diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com