Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 170 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 170 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 166Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 167Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 168Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 169Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 170Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 171Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 172Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 173Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 174Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
On-Chip Debugger
Z8 Encore! XP® F08xA Series
Product Specification
152
If the OCD receives a Serial Break (nine or more continuous bits Low) the Auto-Baud
Detector/Generator resets. Reconfigure the Auto-Baud Detector/Generator by sending
80H
.
OCD Serial Errors
The On-Chip Debugger can detect any of the following error conditions on the DBG pin:
• Serial Break (a minimum of nine continuous bits Low)
• Framing Error (received Stop bit is Low)
• Transmit Collision (OCD and host simultaneous transmission detected by the OCD)
When the OCD detects one of these errors, it aborts any command currently in progress,
transmits a four character long Serial Break back to the host, and resets the Auto-Baud
Detector/Generator. A Framing Error or Transmit Collision may be caused by the host
sending a Serial Break to the OCD. Because of the open-drain nature of the interface,
returning a Serial Break break back to the host only extends the length of the Serial Break
if the host releases the Serial Break early.
The host transmits a Serial Break on the DBG pin when first connecting to the Z8 Encore!
XP® F08xA Series devices or when recovering from an error. A Serial Break from the host
resets the Auto-Baud Generator/Detector but does not reset the OCD Control register. A
Serial Break leaves the device in DEBUG mode if that is the current mode. The OCD is
held in Reset until the end of the Serial Break when the DBG pin returns High. Because of
the open-drain nature of the DBG pin, the host can send a Serial Break to the OCD even if
the OCD is transmitting a character.
Breakpoints
Execution Breakpoints are generated using the BRK instruction (opcode 00H). When the
eZ8 CPU decodes a BRK instruction, it signals the On-Chip Debugger. If Breakpoints are
enabled, the OCD enters DEBUG mode and idles the eZ8 CPU. If Breakpoints are not
enabled, the OCD ignores the BRK signal and the BRK instruction operates as an NOP
instruction.
Breakpoints in Flash Memory
The BRK instruction is opcode 00H, which corresponds to the fully programmed state of a
byte in Flash memory. To implement a Breakpoint, write 00H to the required break
address, overwriting the current instruction. To remove a Breakpoint, the corresponding
page of Flash memory must be erased and reprogrammed with the original data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com