Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 172 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 172 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 168Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 169Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 170Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 171Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 172Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 173Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 174Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 175Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 176Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
On-Chip Debugger
Z8 Encore! XP® F08xA Series
Product Specification
154
In the following bulleted list of OCD Commands, data and commands sent from the host
to the On-Chip Debugger are identified by ’DBG ← Command/Data’. Data sent from the
On-Chip Debugger back to the host is identified by ’DBG → Data’
• Read OCD Revision (00H)—The Read OCD Revision command determines the ver-
sion of the On-Chip Debugger. If OCD commands are added, removed, or changed, this
revision number changes.
DBG
← 00H
DBG
→ OCDRev[15:8] (Major revision number)
DBG
→ OCDRev[7:0] (Minor revision number)
• Read OCD Status Register (02H)—The Read OCD Status Register command reads the
OCDSTAT register.
DBG
← 02H
DBG
→ OCDSTAT[7:0]
• Read Runtime Counter (03H)—The Runtime Counter counts system clock cycles in
between Breakpoints. The 16-bit Runtime Counter counts up from 0000H and stops at the
maximum count of FFFFH. The Runtime Counter is overwritten during the Write Memo-
ry, Read Memory, Write Register, Read Register, Read Memory CRC, Step Instruction,
Stuff Instruction, and Execute Instruction commands.
DBG
← 03H
DBG
→ RuntimeCounter[15:8]
DBG
→ RuntimeCounter[7:0]
• Write OCD Control Register (04H)—The Write OCD Control Register command
writes the data that follows to the OCDCTL register. When the Flash Read Protect Option
Bit is enabled, the DBGMODE bit (OCDCTL[7]) can only be set to 1, it cannot be cleared
Write Data Memory
0CH
–
Yes
Read Data Memory
0DH
–
–
Read Program Memory CRC
0EH
–
–
Reserved
0FH
–
–
Step Instruction
10H
–
Disabled
Stuff Instruction
11H
–
Disabled
Execute Instruction
12H
–
Disabled
Reserved
13H–FFH
–
–
Debug Command
Command
Byte
Enabled when NOT
in DEBUG mode?
Disabled by
Flash Read Protect Option Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com