Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 174 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 174 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 170Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 171Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 172Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 173Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 174Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 175Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 176Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 177Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 178Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
On-Chip Debugger
Z8 Encore! XP® F08xA Series
Product Specification
156
DBG
← Size[7:0]
DBG
→ 1-256 data bytes
• Write Program Memory (0AH)—The Write Program Memory command writes data
to Program Memory. This command is equivalent to the LDC and LDCI instructions. Data
can be written 1–65536 bytes at a time (65536 bytes can be written by setting size to 0).
The on-chip Flash Controller must be written to and unlocked for the programming oper-
ation to occur. If the Flash Controller is not unlocked, the data is discarded. If the device
is not in DEBUG mode or if the Flash Read Protect Option bit is enabled, the data is dis-
carded.
DBG
← 0AH
DBG
← Program Memory Address[15:8]
DBG
← Program Memory Address[7:0]
DBG
← Size[15:8]
DBG
← Size[7:0]
DBG
← 1-65536 data bytes
• Read Program Memory (0BH)—The Read Program Memory command reads data
from Program Memory. This command is equivalent to the LDC and LDCI instructions.
Data can be read 1–65536 bytes at a time (65536 bytes can be read by setting size to 0). If
the device is not in DEBUG mode or if the Flash Read Protect Option Bit is enabled, this
command returns FFH for the data.
DBG
← 0BH
DBG
← Program Memory Address[15:8]
DBG
← Program Memory Address[7:0]
DBG
← Size[15:8]
DBG
← Size[7:0]
DBG
→ 1-65536 data bytes
• Write Data Memory (0CH)—The Write Data Memory command writes data to Data
Memory. This command is equivalent to the LDE and LDEI instructions. Data can be writ-
ten 1–65536 bytes at a time (65536 bytes can be written by setting size to 0). If the device
is not in DEBUG mode or if the Flash Read Protect Option Bit is enabled, the data is dis-
carded.
DBG
← 0CH
DBG
← Data Memory Address[15:8]
DBG
← Data Memory Address[7:0]
DBG
← Size[15:8]
DBG
← Size[7:0]
DBG
← 1-65536 data bytes
• Read Data Memory (0DH)—The Read Data Memory command reads from Data Mem-
ory. This command is equivalent to the LDE and LDEI instructions. Data can be read 1 to
65536 bytes at a time (65536 bytes can be read by setting size to 0). If the device is not in
DEBUG mode, this command returns FFH for the data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com