Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 173 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 173 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 169Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 170Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 171Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 172Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 173Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 174Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 175Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 176Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 177Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
On-Chip Debugger
Z8 Encore! XP® F08xA Series
Product Specification
155
to 0 and the only method of returning the device to normal operating mode is to reset the
device.
DBG
← 04H
DBG
← OCDCTL[7:0]
• Read OCD Control Register (05H)—The Read OCD Control Register command reads
the value of the OCDCTL register.
DBG
← 05H
DBG
→ OCDCTL[7:0]
• Write Program Counter (06H)—The Write Program Counter command writes the data
that follows to the eZ8 CPU’s Program Counter (PC). If the device is not in DEBUG mode
or if the Flash Read Protect Option bit is enabled, the Program Counter (PC) values are
discarded.
DBG
← 06H
DBG
← ProgramCounter[15:8]
DBG
← ProgramCounter[7:0]
• Read Program Counter (07H)—The Read Program Counter command reads the value
in the eZ8 CPU’s Program Counter (PC). If the device is not in DEBUG mode or if the
Flash Read Protect Option bit is enabled, this command returns FFFFH.
DBG
← 07H
DBG
→ ProgramCounter[15:8]
DBG
→ ProgramCounter[7:0]
• Write Register (08H)—The Write Register command writes data to the Register File.
Data can be written 1–256 bytes at a time (256 bytes can be written by setting size to 0). If
the device is not in DEBUG mode, the address and data values are discarded. If the Flash
Read Protect Option bit is enabled, only writes to the Flash Control Registers are allowed
and all other register write data values are discarded.
DBG
← 08H
DBG
← {4’h0,Register Address[11:8]}
DBG
← Register Address[7:0]
DBG
← Size[7:0]
DBG
← 1-256 data bytes
• Read Register (09H)—The Read Register command reads data from the Register File.
Data can be read 1–256 bytes at a time (256 bytes can be read by setting size to 0). If the
device is not in DEBUG mode or if the Flash Read Protect Option bit is enabled, this com-
mand returns FFH for all the data values.
DBG
← 09H
DBG
← {4’h0,Register Address[11:8]
DBG
← Register Address[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com