Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 176 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 176 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 172Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 173Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 174Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 175Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 176Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 177Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 178Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 179Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 180Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
On-Chip Debugger
Z8 Encore! XP® F08xA Series
Product Specification
158
On-Chip Debugger Control Register Definitions
OCD Control Register
The OCD Control register controls the state of the On-Chip Debugger. This register is
used to enter or exit DEBUG mode and to enable the BRK instruction. It can also reset the
Z8 Encore! XP® F08xA Series device.
A reset and stop function can be achieved by writing 81H to this register. A reset and go
function can be achieved by writing 41H to this register. If the device is in DEBUG mode,
a run function can be implemented by writing 40H to this register.
.
DBGMODE—Debug Mode
The device enters DEBUG mode when this bit is 1. When in DEBUG mode, the eZ8 CPU
stops fetching new instructions. Clearing this bit causes the eZ8 CPU to restart. This bit is
automatically set when a BRK instruction is decoded and Breakpoints are enabled. If the
Flash Read Protect Option Bit is enabled, this bit can only be cleared by resetting the
device. It cannot be written to 0.
0 = The Z8 Encore! XP® F08xA Series device is operating in NORMAL mode.
1 = The Z8 Encore! XP® F08xA Series device is in DEBUG mode.
BRKEN—Breakpoint Enable
This bit controls the behavior of the BRK instruction (opcode 00H). By default, Break-
points are disabled and the BRK instruction behaves similar to an NOP instruction. If this
bit is 1, when a BRK instruction is decoded, the DBGMODE bit of the OCDCTL register is
automatically set to 1.
0 = Breakpoints are disabled.
1 = Breakpoints are enabled.
DBGACK—Debug Acknowledge
This bit enables the debug acknowledge feature. If this bit is set to 1, the OCD sends a
Debug Acknowledge character (FFH) to the host when a Breakpoint occurs.
0 = Debug Acknowledge is disabled.
1 = Debug Acknowledge is enabled.
Reserved—Must be 0.
RST—Reset
Setting this bit to 1 resets the Z8 Encore! XP® F08xA Series device. The device goes
Table 99. OCD Control Register (OCDCTL)
BITS
7
6
5
4
3
2
1
0
FIELD
DBGMODE
BRKEN
DBGACK
Reserved
RST
RESET
0
000
00
00
R/W
R/W
R/W
R/W
RRR
R
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com