Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020SC Datasheet(PDF) 164 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 164 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 160Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 161Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 162Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 163Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 164Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 165Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 166Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 167Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 168Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Flash Option Bits
Z8 Encore! XP® F08xA Series
Product Specification
146
Table 95. ADC Calibration Data Location
Info Page
Address
Memory
Address
Compensation
Usage
ADC Mode
Reference Type
60
FE60
Offset
Single-Ended Unbuffered
Internal 2.0V
08
FE08
Gain High Byte
Single-Ended Unbuffered
Internal 2.0V
09
FE09
Gain Low Byte
Single-Ended Unbuffered
Internal 2.0V
63
FE63
Offset
Single-Ended Unbuffered
Internal 1.0V
0A
FE0A
Gain High Byte
Single-Ended Unbuffered
Internal 1.0V
0B
FE0B
Gain Low Byte
Single-Ended Unbuffered
Internal 1.0V
66
FE66
Offset
Single-Ended Unbuffered
External 2.0V
0C
FE0C
Gain High Byte
Single-Ended Unbuffered
External 2.0V
0D
FE0D
Gain Low Byte
Single-Ended Unbuffered
External 2.0V
69
FE69
Offset
Single Ended 1x Buffered
Internal 2.0V
0E
FE0E
Gain High Byte
Single Ended 1x Buffered
Internal 2.0V
0F
FE0F
Gain Low Byte
Single Ended 1x Buffered
Internal 2.0V
6C
FE6C
Offset
Single Ended 1x Buffered
External 2.0V
10
FE10
Gain High Byte
Single Ended 1x Buffered
External 2.0V
11
FE11
Gain Low Byte
Single Ended 1x Buffered
External 2.0V
6F
FE6F
Offset
Differential Unbuffered
Internal 2.0V
12
FE12
Gain High Byte
Differential Unbuffered
Internal 2.0V
13
FE13
Gain Low Byte
Differential Unbuffered
Internal 2.0V
72
FE72
Offset
Differential Unbuffered
Internal 1.0V
14
FE14
Gain High Byte
Differential Unbuffered
Internal 1.0V
15
FE15
Gain Low Byte
Differential Unbuffered
Internal 1.0V
75
FE75
Offset
Differential Unbuffered
External 2.0V
16
FE16
Gain High Byte
Differential Unbuffered
External 2.0V
17
FE17
Gain Low Byte
Differential Unbuffered
External 2.0V
78
FE78
Offset
Differential 1x Buffered
Internal 2.0V
18
FE18
Gain High Byte
Differential 1x Buffered
Internal 2.0V
19
FE19
Gain Low Byte
Differential 1x Buffered
Internal 2.0V
7B
FE7B
Offset
Differential 1x Buffered
External 2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com