Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 116 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 116 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 112Page - Maxim Integrated Products DS31256+ Datasheet HTML 113Page - Maxim Integrated Products DS31256+ Datasheet HTML 114Page - Maxim Integrated Products DS31256+ Datasheet HTML 115Page - Maxim Integrated Products DS31256+ Datasheet HTML 116Page - Maxim Integrated Products DS31256+ Datasheet HTML 117Page - Maxim Integrated Products DS31256+ Datasheet HTML 118Page - Maxim Integrated Products DS31256+ Datasheet HTML 119Page - Maxim Integrated Products DS31256+ Datasheet HTML 120Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
116 of 183
9.3.3 Pending Queue
The host writes to the transmit pending queue the location of the readied descriptor, channel number, and
control information. The descriptor space is indicated through a 16-bit pointer, which the DMA uses
with the transmit packet-descriptor base address to find the exact 32-bit address of the associated
transmit packet descriptor.
Figure 9-17. Transmit Pending-Queue Descriptor
dword 0
Unused (3)
Status(3)
CHRST
PRI
HDLC Channel (8)
Descriptor Pointer (16)
Note 1: The organization of the pending queue is not affected by the enabling of Big Endian.
Note 2: Decriptor pointer is an index, not an absolute address.
dword 0; Bits 0 to 15/Descriptor Pointer. This 16-bit value is the offset from the transmit descriptor base
address to the first descriptor in a packet chain (can be a single descriptor) that is queued up for transmission.
dword 0; Bits 16 to 23/HDLC Channel Number. HDLC channel number, which can be from 1 to 256.
00000000 (00h) = HDLC channel number 1
11111111 (FFh) = HDLC channel number 256
dword 0; Bit 24/Priority Packet (PRI). If this bit is set to 1, this indicates to the transmit DMA that the packet or
packet chain pointed to by the descriptor pointer field should be transmitted immediately after the current packet
transmission (whether it be standard or priority) is complete.
dword 0; Bit 25/Channel Reset (CHRST). Under normal operating conditions, this bit should always be set to 0.
When an error condition occurs and the transmit DMA places the channel into an out-of-service state by setting
the channel enable (CHEN) bit in the transmit DMA configuration register to 0, the host can force the channel
active again by setting the CHRST bit to 1. Only the first descriptor loaded into the pending queue after an error
condition should have CHRST set to 1; all subsequent descriptors (until another error condition occurs) should
have CHRST set to 0. The transmit DMA examines this bit and forces the channel active (CHEN = 1) if CHRST is
set to 1. If CHRST is set to 0, then the transmit DMA does not modify the state of the CHEN bit. See Section 9.2.2
for more details about how error conditions are handled.
dword 0; Bits 26 to 28/Packet Status. Not used by the DMA. Can be set to any value by the host and is ignored
by the transmit DMA. This field is used by the transmit DMA when it writes to the done queue to inform the host
of the status of the outgoing packet data.
dword 0; Bits 29 to 31/Unused. Not used by the DMA. Can be set to any value by the host and is ignored by the
transmit DMA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com