Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 120 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 120 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 116Page - Maxim Integrated Products DS31256+ Datasheet HTML 117Page - Maxim Integrated Products DS31256+ Datasheet HTML 118Page - Maxim Integrated Products DS31256+ Datasheet HTML 119Page - Maxim Integrated Products DS31256+ Datasheet HTML 120Page - Maxim Integrated Products DS31256+ Datasheet HTML 121Page - Maxim Integrated Products DS31256+ Datasheet HTML 122Page - Maxim Integrated Products DS31256+ Datasheet HTML 123Page - Maxim Integrated Products DS31256+ Datasheet HTML 124Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
120 of 183
9.3.4 Done Queue
The DMA writes to the transmit done queue when it has finished either transmitting a complete packet
chain or a complete data buffer. This option is selected by the host when it configures the DQS field in
the transmit DMA configuration RAM (Section 9.3.5). The descriptor location is indicated in the done
queue through a 16-bit pointer that the host uses along with the transmit descriptor base address to find
the exact 32-bit address of the associated transmit descriptor.
Figure 9-19. Transmit Done-Queue Descriptor
dword 0
unused
Status (3)
CHRST
PRI
HDLC Channel (8)
Descriptor Pointer (16)
Note: The organization of the done queue is not affected by the enabling of Big Endian.
dword 0; Bits 0 to 15/Descriptor Pointer. This 16-bit value is the offset from the transmit descriptor base
address to either the first descriptor in a HDLC packet (can be a single descriptor) that has been transmitted
(DQS = 0) or the descriptor that corresponds to a single data buffer that has been transmitted (DQS = 1).
dword 0; Bits 16 to 23/HDLC Channel Number. HDLC channel number, which can be from 1 to 256.
00000000 (00h) = HDLC channel number 1
11111111 (FFh) = HDLC channel number 256
dword 0; Bit 24/Priority Packet (PRI). This field is meaningless in the done queue and could be set to any value.
See Section 9.3.3 for details.
dword 0; Bit 25/Channel Reset (CHRST). This field is meaningless in the done queue and could be set to any
value. See Section 9.3.3 for details.
dword 0; Bits 26 to 28/Packet Status. These three bits report the final status of an outgoing packet. All the error
states cause a HDLC abort sequence (eight 1s in a row, followed by continuous interfill bytes of either FFh or
7Eh) to be sent, and the channel is placed out of service by the transmit DMA, setting the channel enable (CHEN)
bit in the transmit DMA configuration RAM to 0. The status state of 000 is only used when the channel has been
configured by the host to write to the done queue only after a complete HDLC packet (can be a single data buffer)
has been transmitted (i.e., DQS = 0). The status states of 001, 010, and 011 are only used when the channel has
been configured by the host to write to the done queue after each data buffer has been transmitted (i.e., DQS = 1).
000 = packet transmission complete and the descriptor pointer field corresponds to the first
descriptor in a HDLC packet (can be a single descriptor) that has been transmitted (DQS = 0)
001 = first buffer transmission complete of a multi (or single) buffer packet (DQS = 1)
010 = middle buffer transmission complete of a multibuffer packet (DQS = 1)
011 = last buffer transmission complete of a multibuffer packet (DQS = 1)
100 = software provisioning error; this channel was not enabled
101 = descriptor error; either byte count = 0 or channel code inconsistent with pending queue
110 = PCI error
111 = transmit FIFO error; it has underflowed
dword 0; Bits 29 to 31/Unused. Not used by the DMA. Could be any value when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com