Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 123 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 123 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 119Page - Maxim Integrated Products DS31256+ Datasheet HTML 120Page - Maxim Integrated Products DS31256+ Datasheet HTML 121Page - Maxim Integrated Products DS31256+ Datasheet HTML 122Page - Maxim Integrated Products DS31256+ Datasheet HTML 123Page - Maxim Integrated Products DS31256+ Datasheet HTML 124Page - Maxim Integrated Products DS31256+ Datasheet HTML 125Page - Maxim Integrated Products DS31256+ Datasheet HTML 126Page - Maxim Integrated Products DS31256+ Datasheet HTML 127Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
123 of 183
When enabled through the transmit done-queue FIFO-enable (TDQFE) bit, the done-queue FIFO does
not write to the done queue until it reaches the high watermark. When the done-queue FIFO reaches the
high watermark (which is six descriptors), it attempts to empty the done-queue FIFO by burst writing to
the done queue. Before it writes to the done queue, it checks (by examining the transmit done-queue host
read pointer) to ensure the done queue has enough room to empty. If the done queue does not have
enough room, then it only burst writes enough descriptors to keep from overflowing. If the FIFO detects
that there is no room for any descriptors to be written, then it sets the status bit for transmit DMA done-
queue write error (TDQWE) in the SDMA and it does not write to the done queue nor does it increment
the write pointer. In such a scenario, information on transmitted packets is lost and unrecoverable. If the
done-queue FIFO can write descriptors to the done queue, then it burst writes them, increments the write
pointer, and sets the status bit for transmit DMA done-queue write (TDQW) in the SDMA. See Section 5
for more details about status bits.
Done-Queue FIFO Flush Timer
To ensure the done-queue FIFO gets flushed to the done queue on a regular basis, the transmit done-
queue FIFO flush timer (TDQFFT) is used by the DMA to determine the maximum wait time in between
writes. The TDQFFT is a 16-bit programmable counter that is decremented every PCLK divided by 256.
It is only monitored by the DMA when the transmit done-queue FIFO is enabled (TDQFE = 1). For a
33MHz PCLK, the timer is decremented every 7.76
µs. For a 25MHz clock, it decrements every 10.24µs.
Each time the DMA writes to the done queue it resets the timer to the count placed into it by the host. On
initialization, the host sets a value into the TDQFFT that indicates the maximum time the DMA should
wait in between writes to the done queue. For example, with a PCLK of 33MHz, the range of wait times
is from 7.8
µs (RDQFFT = 0001h) to 508ms (RDQFFT = FFFFh). With a PCLK of 25MHz, the wait
times range from 10.2µs (RDQFFT = 0001h) to 671ms (RDQFFT = FFFFh).
Register Name:
TDQFFT
Register Description:
Transmit Done-Queue FIFO Flush Timer
Register Address:
0844h
Bit #
7
6
5
4
3
2
1
0
Name
TC7
TC6
TC5
TC4
TC3
TC2
TC1
TC0
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
TC15
TC14
TC13
TC12
TC11
TC10
TC9
TC8
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bits 0 to 15/Transmit Done-Queue FIFO Flush Timer Control Bits (TC0 to TC15). Please note that on system
reset, the timer is set to 0000h, which is defined as an illegal setting. If the receive done-queue FIFO is to be
activated (TDQFE = 1), the host must first configure the timer to a proper state and then set the TDQFE bit
to 1.
0000h = illegal setting
0001h = timer count resets to 1
FFFFh = timer count resets to 65,536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com