Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 130 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 130 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 126Page - Maxim Integrated Products DS31256+ Datasheet HTML 127Page - Maxim Integrated Products DS31256+ Datasheet HTML 128Page - Maxim Integrated Products DS31256+ Datasheet HTML 129Page - Maxim Integrated Products DS31256+ Datasheet HTML 130Page - Maxim Integrated Products DS31256+ Datasheet HTML 131Page - Maxim Integrated Products DS31256+ Datasheet HTML 132Page - Maxim Integrated Products DS31256+ Datasheet HTML 133Page - Maxim Integrated Products DS31256+ Datasheet HTML 134Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
130 of 183
10.
PCI BUS
10.1 General Description of Operation
The PCI block interfaces the DMA block to an external high-speed bus. The PCI block complies with
Revision 2.1 (June 1, 1995) of the PCI Local Bus Specification. HDLC packet data always passes to and
from the DS31256 through the PCI bus. The user has the option to configure and monitor the internal
device registers either through the PCI bus (local bus bridge mode) or through the local bus (local bus
configuration mode). When the local bus bridge mode is used, the host on the PCI bus can also bridge to
the local bus and sets/monitors the PCI configuration registers. When the local bus configuration mode is
used, the CPU on the local bus sets/monitors the PCI configuration registers.
The PCI configuration registers (Figure 10-1) are described in detail in Section 10.2. The following notes
apply to the PCI configuration registers:
1) All unused locations (the shaded areas of Figure 10-1) return zeros when read.
2) Read-only locations can be written with either 1 or 0 with no effect.
3) All bits are read/write, unless otherwise noted.
Figure 10-1. PCI Configuration Memory Map
0x000
0x004
0x008
0x00C
0x010
0x03C
0x100
0x104
0x108
0x10C
0x110
Device ID
Vendor ID
Status
Command
Class Code
Revision ID
Header Type
Latency Timer
Base Address for Device Configuration
0x000
Max. Latency
Min. Grant
Interrupt Pin
Interrupt Line
Header Type
Device ID
Vendor ID
Status
Command
Class Code
Revision ID
0x00000
Base Address for Local Bus
Cache Line Size
Interrupt Pin
Interrupt Line
0x13C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com