Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 131 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 131 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 127Page - Maxim Integrated Products DS31256+ Datasheet HTML 128Page - Maxim Integrated Products DS31256+ Datasheet HTML 129Page - Maxim Integrated Products DS31256+ Datasheet HTML 130Page - Maxim Integrated Products DS31256+ Datasheet HTML 131Page - Maxim Integrated Products DS31256+ Datasheet HTML 132Page - Maxim Integrated Products DS31256+ Datasheet HTML 133Page - Maxim Integrated Products DS31256+ Datasheet HTML 134Page - Maxim Integrated Products DS31256+ Datasheet HTML 135Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
131 of 183
10.1.1 PCI Read Cycle
A read cycle on the PCI bus is shown in Figure 10-2. During clock cycle #1, the initiator asserts the
PFRAME signal and drives the address onto the PAD signal lines and the bus command (which would
be a read) onto the
PCBE signal lines. The target reads the address and bus command and, if the address
matches its own, it then asserts the
PDEVSEL signal and begins the bus transaction. During clock cycle
#2, the initiator stops driving the address onto the PAD signal lines and switches the
PCBE signal lines
to indicate byte enables. It also asserts the
PIRDY signal and begins monitoring the PDEVSEL and
PTRDY signals. During clock cycle #4, the target asserts PTRDY, indicating to the initiator that valid
data is available to be read on the PAD signal lines by the initiator. During clock cycle #5, the target is
not ready to provide data #2 because
PTRDY is deasserted. During clock cycle #6, the target again
asserts
PTRDY, informing the initiator to read data #2. During clock cycle #7, the initiator deasserts
PIRDY, indicating to the target that it is not ready to accept data. During clock cycle #8, the initiator
asserts
PIRDY and acquires data #3. Also during clock cycle #8, the initiator deasserts PFRAME,
indicating to the target that the bus transaction is complete and no more data needs to be read. During
clock cycle #9, the target deasserts
PTRDY and PDEVSEL and the initiator deasserts PIRDY.
The
PXAS, PXDS, and PXBLAST signals are not part of a standard PCI bus. These PCI extension
signals are unique to the device and are useful in adapting the PCI bus to a proprietary bus scheme. They
are only asserted when the device is a bus master.
Figure 10-2. PCI Bus Read
123456
789
10
data #3
Address
CMD
Byte Enable #1
PCLK
PFRAME
PAD
PCBE
PIRDY
PTRDY
PDEVSEL
PXDS
PXAS
PXBLAST
data #1
data #2
BE #2
BE #3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com