Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 150 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 150 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 146Page - Maxim Integrated Products DS31256+ Datasheet HTML 147Page - Maxim Integrated Products DS31256+ Datasheet HTML 148Page - Maxim Integrated Products DS31256+ Datasheet HTML 149Page - Maxim Integrated Products DS31256+ Datasheet HTML 150Page - Maxim Integrated Products DS31256+ Datasheet HTML 151Page - Maxim Integrated Products DS31256+ Datasheet HTML 152Page - Maxim Integrated Products DS31256+ Datasheet HTML 153Page - Maxim Integrated Products DS31256+ Datasheet HTML 154Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
150 of 183
Table 11-B. Local Bus 8-Bit Width Address,
LBHE Setting
PCBE [3:0]
A1
A0
LBHE
1110
0
0
1
1101
0
1
1
1011
1
0
1
0111
1
1
1
Note 1: All other possible states for
PCBE cause the device to return a target abort to the host.
Note 2: The 8-bit data picked from the PCI bus is routed/sampled to/from the LD[7:0] signal lines.
Note 3: If no
PCBE signals are asserted during an access, a target abort is not returned and no transaction occurs on the local bus.
If the local bus is used as 16-bit bus, the LBW control bit must be set to 0. In 16-bit accesses, the host
can either perform 16-bit access or an 8-bit access by asserting the appropriate
PCBE signals (Table
11-C). For 16-bit access, the host enables the combination of either
PCBE0/PCBE1 or PCBE2/PCBE3
and the local bus block maps the word from/to the PCI bus to/from the LD[15:0] signals. For 8-bit access
in the 16-bit bus mode, the host must assert just one of the
PCBE0 to PCBE3 signals. If the host asserts a
combination of
PCBE signals not supported by the local bus, the local bus rejects the access and the PCI
block returns a target abort to the host. See Section 10 for details on a target abort. Section 11.3 contains
a number of timing examples for the local bus.
Table 11-C. Local Bus 16-Bit Width Address, LD,
LBHE Setting
PCBE [3:0]
8/16
A1
A0
LD[15:8]
LD[7:0]
LBHE
1110
8
0
0
Active
1
1101
8
0
1
Active
0
1100
16
0
0
Active
Active
0
1011
8
1
0
Active
1
0111
8
1
1
Active
0
0011
16
1
0
Active
Active
0
Note 1: All other possible states for
PCBE cause the device to return a target abort to the host.
Note 2: The 16-bit data picked from the PCI bus is routed/sampled to/from the LD[7:0] and LD[15:8] signal lines as shown.
Note 3: If no
PCBE signals are asserted during an access, a target abort is not returned and no transaction occurs on the local bus.
Bridge Mode Bus Arbitration
In bridge mode, the local bus can arbitrate for bus access. In order for this feature to operate, the host
must access the PCI bridge mode control register (LBBMC) and enable it through the LARBE control bit
(the default is bus arbitration disabled). If bus arbitration is enabled, then, before a bus transaction can
occur, the local bus first requests bus access by asserting the LHOLD
(LBR) signal and then waits for the
bus to be granted from the local bus arbiter by sensing that the LHLDA (
LBG) has been asserted. If the
host on the PCI bus attempts a local bus access when the local bus is not granted by the local bus master
(
LBGACK is deasserted), the local bus block immediately informs the host by issuing a PCI target retry
that the local bus is busy and cannot be accessed at that time (in other words, come back later). See
Section 10 for details about the PCI target retry. When this happens, the local bus block does not attempt
the bus access and keeps the LA, LD,
LBHE, LWR (LR/W), and LRD (LDS) signals tri-stated.
If the host attempts a local bus access when the bus is busy, the local bus block requests bus access, and,
after it has been granted, it seizes the bus for the time programmed into the local bus arbitration timer
(LAT0 to LAT3 in the LBBMC register), which can be from 32 to 1,048,576 clocks. As long as the local
bus has been granted and the arbitration timer has at least 16 clocks left, the host is allowed to access the
local bus. See Figure 11-4 and the timing examples in Section 11.3 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com