Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256+ Datasheet(PDF) 151 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 151 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 147Page - Maxim Integrated Products DS31256+ Datasheet HTML 148Page - Maxim Integrated Products DS31256+ Datasheet HTML 149Page - Maxim Integrated Products DS31256+ Datasheet HTML 150Page - Maxim Integrated Products DS31256+ Datasheet HTML 151Page - Maxim Integrated Products DS31256+ Datasheet HTML 152Page - Maxim Integrated Products DS31256+ Datasheet HTML 153Page - Maxim Integrated Products DS31256+ Datasheet HTML 154Page - Maxim Integrated Products DS31256+ Datasheet HTML 155Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
151 of 183
Bridge Mode Bus Transaction Timing
When the local bus is operated in PCI bridge mode, the bus transaction time can be determined either
from an external ready signal (
LRDY) or from the PCI bridge mode control register (LBBMC), which
allows a bus transaction time of 1 to 11 LCLK cycles. If the total access time to the local bus exceeds 16
PCLK cycles, the PCI access times out and a PCI target retry is sent to the host. This only occurs when
LRDY has not been detected within 9 clocks. If this happens, the local bus error (LBE) status bit in the
status master (SM) register is set. Additional details about the LBE status bit can be found in Section 5.
More details about transaction timing can be found in Figure 10-4 and the timing examples in
Section 11.3.
Bridge Mode Interrupt
In the PCI bridge mode, the local bus can detect an external interrupt through the
LINT signal. If the
local bus detects that the
LINTA signal has been asserted, it then sets the LBINT status bit in the status
master (SM) register. Setting this status bit can cause a hardware interrupt to occur at the PCI bus
through the
PINTA signal. This interrupt can be masked through the ISM register. See Section 5 for
more details.
11.1.2 Configuration Mode
In configuration mode, the local bus is used only to configure the device and obtain status information
from the device. It is also used to configure the PCI configuration registers and therefore the PCI bus
signal PIDSEL is disabled when the local bus is in the configuration mode. The DS31256 PCI
configuration registers can't be accessed via the PCI bus when the DS31256 is in Configuration mode
(LMS=1). In this mode no device registers are accessible via the PCI bus.
Data cannot be passed from the local bus to the PCI bus in this mode. The PCI bus is only used as a
high-speed I/O bus for the HDLC packet data. In this mode, bus arbitration, bus format, and the user-
settable bus transaction time features are disabled. All bus accesses are based on 16-bit addresses and 16-
bit data in this mode. The upper four addresses (LA[19:16]) are ignored and 8-bit data accesses are not
allowed. See Section 13 for the AC timing requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com