Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1649ACBZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1649ACBZ-R7
Description  1.0 A LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1649ACBZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1649ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADP1649
Rev. 0 | Page 5 of 28
RECOMMENDED SPECIFICATIONS: INPUT AND OUTPUT CAPACITANCE AND INDUCTANCE
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CAPACITANCE
C
MIN
Input
T
A = −40°C to +125°C
4.0
10
µF
Output
T
A = −40°C to +125°C
3.0
10
20
µF
MINIMUM AND MAXIMUM INDUCTANCE
L
T
A = −40°C to +125°C
0.6
1.0
1.5
µH
I2C-COMPATIBLE INTERFACE TIMING SPECIFICATIONS
Table 3.
Parameter1
Min
Max
Unit
Description
f
SCL
400
kHz
SCL clock frequency
t
HIGH
0.6
µs
SCL high time
t
LOW
1.3
µs
SCL low time
t
SU, DAT
100
ns
Data setup time
t
HD, DAT
0
0.9
µs
Data hold time
t
SU, STA
0.6
µs
Setup time for repeated start
t
HD, STA
0.6
µs
Hold time for start/repeated start
t
BUF
1.3
µs
Bus free time between a stop and a start condition
t
SU, STO
0.6
µs
Setup time for a stop condition
t
R
20 + 0.1 C
B
2
300
ns
Rise time of SCL and SDA
t
F
20 + 0.1 C
B
2
300
ns
Fall time of SCL and SDA
t
SP
0
50
ns
Pulse width of suppressed spike
C
B
2
400
pF
Capacitive load for each bus line
1 Guaranteed by design.
2 C
B is the total capacitance of one bus line in picofarads.
Timing Diagram
Figure 3. I2C-Compatible Interface Timing Diagram
SDA
SCL
S
S = START CONDITION
Sr = REPEATED START CONDITION
P = STOP CONDITION
Sr
P
S
tLOW
tR
tHD, DAT
tHIGH
tSU, DAT
tF
tF
tSU, STA
tHD, STA
tSP
tSU, STO
tBUF
tR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com