Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1649ACBZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1649ACBZ-R7
Description  1.0 A LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1649ACBZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1649ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADP1649
Data Sheet
Rev. 0 | Page 10 of 28
Figure 17. ADC Die Temperature Mode Transfer Characteristic
Figure 18. ADC LED VF Mode Transfer Characteristic
Figure 19. ADC LED VF Mode, Code 1000, Midpoint vs. Temperature
Figure 20. ADC External Voltage Mode, Code 1000, Midpoint vs. Temperature
Figure 21. LED Current Error vs. Temperature, ILED = 800 mA
Figure 22. LED Current Error vs. Temperature, ILED = 1000 mA
0
25
50
75
100
125
150
DIE TEMPERATURE (°C)
0010
0000
0100
0110
1000
1010
1100
1110
1111
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
LED_OUT VOLTAGE (V)
0010
0000
0100
0110
1000
1010
1100
1110
1111
3.710
3.715
3.720
3.725
3.730
3.735
3.740
3.745
3.750
3.755
3.760
–40
10
60
110
VIN = 2.7V
VIN = 3.6V
VIN = 5.0V
TEMPERATURE (°C)
286
287
288
289
290
291
292
293
294
295
–40
10
60
110
TEMPERATURE (°C)
VIN = 2.7V
VIN = 3.6V
VIN = 5V
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
–40
10
60
110
TEMPERATURE (°C)
VIN = 3.2V
VIN = 3.6V
VIN = 4.2V
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
–40
10
60
110
TEMPERATURE (°C)
VIN = 3.2V
VIN = 3.6V
VIN = 4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com