Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1649ACBZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1649ACBZ-R7
Description  1.0 A LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1649ACBZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1649ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP1649ACBZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADP1649
Data Sheet
Rev. 0 | Page 16 of 28
Figure 37. Voltage Regulation Mode: LED Driver Application
Figure 38. Voltage Regulation Mode: Class-D Audio Application
ADP1649
10µF
1.0µH
INPUT VOLTAGE = 2.7V TO 5.0V
PGND
SW
STROBE
10µF
LED_OUT
EN
SGND
SCL
SDA
GPIO1
GPIO2
OFF
ON
I2C BUS
SDA, SCL
EN
APPLICATIONS PROCESSOR
3.2 MEGAPIXEL
TO 5.0 MEGAPIXEL
CMOS IMAGE SENSOR
POWER-ON RESET
VOUT = 5.0V
KEYPAD
LED DRIVER
VDD
GND
VOUT*
VIN
*THE VOUT PIN IS CONNECTED TO THE SW NODE WHEN THE ADP1649 IS NOT ENABLED. VOUT SHOULD NOT BE CONNECTED DIRECTLY TO A POSITIVE
EXTERNAL VOLTAGE SOURCE BECAUSE THIS CAUSES CURRENT TO FLOW FROM VOUT TO THE BATTERY.
VOUT = 5.0V ±8.5%, IMAX = 500mA
SHUTDOWN
VDD
OUT+
OUT–
IN+
GND
SD
AUDIO IN–
AUDIO IN+
SSM2315
80kΩ
80kΩ
160kΩ
160kΩ
BIAS
0.1µF
ADP1649
10µF
1.0µH
INPUT VOLTAGE = 2.7V TO 5.0V
PGND
SW
STROBE
10µF
LED_OUT
EN
SGND
SCL
SDA
GPIO1
GPIO2
OFF
ON
I2C BUS
SDA, SCL
EN
APPLICATIONS
PROCESSOR
3.2 TO 5.0 MEGAPIXEL
CMOS IMAGE SENSOR
POWER-ON
RESET
VOUT
VIN
IN–
47nF
47nF
FET
DRIVER
POP/CLICK
SUPPRESSION
INTERNAL
OSCILLATOR
MODULATOR
(Σ-Δ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com